Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-4360 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-4360
Description  High Power and High Speed Infrared Emitter (885nm) in PLCC-2 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASDL-4360 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ASDL-4360 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASDL-4360 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASDL-4360 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASDL-4360 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASDL-4360 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASDL-4360 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASDL-4360
High Power and High Speed Infrared Emitter (885nm)
in PLCC-2 Package
Data Sheet
Description
ASDL-4360 Infrared emitter is encapsulated in the
Industry Standard PLCC-2 SMT package that is designed
for application that requires high radiant intensity
and fast switching at wide viewing angle. This device
optimizes at emissive wavelength of 885nm.
Applications
• High-Speed Machine Automated System
• Medical Applications
• Non-Contact Position Sensing
• Optical Sensing
• Security Applications
Ordering Information
Features
• 885nm Wavelength
• Industry Standard Footprint: PLCC-2 SMT Package
• High Speed
• High Power
• Low Forward Voltage
• High Pulse Rate
• Lead Free and ROHS Compliant
• Tape & Reel for automation placement
Part Number
Packaging
Shipping Option
ASDL-4360-C22
Tape & Reel
2000pcs


Similar Part No. - ASDL-4360

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4262 AVAGO-ASDL-4262 Datasheet
185Kb / 4P
   High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4262-C22 AVAGO-ASDL-4262-C22 Datasheet
185Kb / 4P
   High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4262-C31 AVAGO-ASDL-4262-C31 Datasheet
185Kb / 4P
   High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4263 AVAGO-ASDL-4263 Datasheet
131Kb / 4P
   High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
ASDL-4263 LITEON-ASDL-4263 Datasheet
143Kb / 4P
   Property of Lite-On Only
More results

Similar Description - ASDL-4360

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
   High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4551 OSRAM-SFH-4551 Datasheet
439Kb / 13P
   High Power Infrared Emitter (850nm) in SMR짰 Package
SFH-4543 OSRAM-SFH-4543 Datasheet
260Kb / 10P
   High Power Infrared Emitter (940nm) in SMR짰 Package
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4860 AVAGO-ASDL-4860 Datasheet
178Kb / 6P
   High Power Infrared Emitter (850nm) in Surface Mount Package
logo
ams AG
SFH4542 AMSCO-SFH4542 Datasheet
1Mb / 17P
   High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
logo
Infineon Technologies A...
SFH4301 INFINEON-SFH4301 Datasheet
63Kb / 6P
   High-Speed Infrared Emitter (950 nm) in 3 mm Radial Package
2000-01-01
logo
List of Unclassifed Man...
OPE5587 ETC-OPE5587 Datasheet
194Kb / 2P
   High Speed GaAlAs Infrared Emitter
OPE5585 ETC-OPE5585 Datasheet
194Kb / 2P
   High Speed GaAlAs Infrared Emitter
OPE5687HP ETC-OPE5687HP Datasheet
162Kb / 2P
   High Speed GaAIAs Infrared Emitter
OPE5985 ETC2-OPE5985 Datasheet
198Kb / 2P
   High Speed GaAlAs Infrared Emitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com