Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-3023-008 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-3023-008
Description  IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASDL-3023-008 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASDL-3023-008 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023-008 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023-008 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023-008 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023-008 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023-008 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023-008 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023-008 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023-008 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Electrical and Optical Specifications
Specifications (Min. & Max. values) hold over the recommended operating conditions unless otherwise noted. Unspeci-
fied test conditions may be anywhere in their operating range. All typical values (Typ.) are at 25°C, Vcc set to 3.0V and
IOVcc set to 1.5V unless otherwise noted.
Receiver
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Viewing Angle
q/
0
°
Peak Sensitivity Wavelength
lP
875
nm
RxD_IrDA Output Voltage
Logic High VOH
IOVcc – 0.5
IOVCC
V
IOH = -00 mA, EI ≤ 0. mW/cm
Logic Low VOL
0
0.4
V
RxD_IrDA Pulse Width (SIR) [4, 5]
tRPW(SIR)

4
ms
q/ ≤ 5°, CL=9pF
RxD_IrDA Pulse Width (MIR) [4, 6]
tRPW(MIR)
00
500
ns
q/ ≤ 5°, CL=9pF
RxD_IrDA Pulse Width (Single) (FIR) [4, 7]
tRPW(FIR)
80
75
ns
q/ ≤ 5°, CL=9pF
RxD_IrDA Pulse Width (Double) (FIR) [4, 7]
tRPW(FIR)
00
90
ns
q/ ≤ 5°, CL=9pF
RxD_IrDA Rise & Fall Times
tr, tf
60
ns
CL=9pF
Receiver Latency Time [8]
tL
00
ms
EI = 9.0 mW/cm
Receiver Wake Up Time [9]
tRW
00
ms
EI = 0 mW/cm
Infrared (IR) Transmitter
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
IR Radiant Intensity
(SIR Mode)
IEH
4
0
mW/sr
IR_ILEDA = 65mA,
q/ ≤ 5°,TxD_IR ≥VIH,TA = 5°C
IR Radiant Intensity (MIR/FIR Mode)
IEH
0
50
mW/sr
IR_ILEDA = 50mA,
q/ ≤ 5°,TxD_IR ≥VIH,TA = 5°C
IR Viewing Angle
q/
0
60
°
IR Peak Wavelength
lP
850
885
900
nm
TxD_IrDA Logic Levels
High
VIH
IOVcc-0.5
IOVCC
V
Low
VIL
0
0.5
V
TxD_IrDA Input Current
High
IH
0.0
mA
VI ≥VIH
Low
IL
-0.0
mA
0 ≤ VI ≤VIL
Wake Up Time [0]
tTW
80
ns
Maximum Optical Pulse Width []
tPW(Max)
5
0
ms
TXD Pulse Width (SIR)
tPW(SIR)
.6
ms
tPW(TXD_IR)=.6ms at 5. kbit/s
TXD Pulse Width (MIR)
tPW(MIR)
7
ns
tPW(TXD_IR)=7ns at .5 Mbit/s
TXD Pulse Width (FIR)
tPW(FIR)
5
ns
tPW(TXD_IR)=5ns at 4.0 Mbit/s
TxD Rise & Fall Times (Optical)
tr, tf
600
40
ns
ns
tPW(TXD_IR)=.6ms at 5. kbit/s
tPW(TXD_IR)=5ns at 4.0 Mbit/s
IR LED Anode On-State Voltage
(SIR Mode)
VON
(IR_LEDA)
.
V
IR_ILEDA=65mA,
IR VLED = .6V,
R = 4.7W, VI(TxD) ≥ VIH
IR LED Anode On-State Voltage
(MIR/FIR Mode)
VON
(IR_LEDA)
.
V
IR_ILEDA=50mA,
IR VLED = .6V,
R = 4.7W,
VI(TxD_IR) ≥ VIH


Similar Part No. - ASDL-3023-008

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
ASDL-3023 LITEON-ASDL-3023 Datasheet
640Kb / 26P
   IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
More results

Similar Description - ASDL-3023-008

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
ASDL-3023 LITEON-ASDL-3023 Datasheet
640Kb / 26P
   IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
   Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3212 AVAGO-ASDL-3212 Datasheet
544Kb / 17P
   IrDA Data Compliant Low Power 1.152 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3021 AVAGO-HSDL-3021 Datasheet
191Kb / 26P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com