Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A30QS3000-128 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A30QS3000-128
Description  SEMICONDUCTOR PROTECTION FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A30QS3000-128 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A30QS3000-128 Datasheet HTML 1Page - List of Unclassifed Manufacturers A30QS3000-128 Datasheet HTML 2Page - List of Unclassifed Manufacturers A30QS3000-128 Datasheet HTML 3Page - List of Unclassifed Manufacturers A30QS3000-128 Datasheet HTML 4Page - List of Unclassifed Manufacturers A30QS3000-128 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D 9
AMP-TRAP®–Form 101
A30QS
SEMICONDUCTOR PROTECTION FUSES
Working Voltage (AC RMS Volts)
Peak Arc Voltage
I
2t vs. Working Voltage
Working Voltage (AC RMS Volts)
I
2t vs. Working Voltage
I
2t Data
700 - 4500 AMP
TYPE 128
70 - 800 AMP
TYPE 4
1 - 5 AMP
TYPE 1
6 - 30 AMP
TYPE 1
35 - 60 AMP
TYPE 4
D


Similar Part No. - A30QS3000-128

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A30 DBLECTRO-A30 Datasheet
269Kb / 1P
   SCA CONNECTOR IDC TYPE(MALE)
logo
XP Power Limited
A30 XPPOWER-A30 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Mean Well Enterprises C...
A300-150 MEANWELL-A300-150 Datasheet
113Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A300-300 MEANWELL-A300-300 Datasheet
94Kb / 2P
   300W Modified Sine Wave DC-AC Power Inverter
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
More results

Similar Description - A30QS3000-128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com