Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-CA00 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-CA00
Description  AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-CA00 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-CA00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-CA00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-CA00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-CA00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-CA00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-CA00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASMT-CA00
AlInGaP Amber, 0.4mm Low Profile
Right Angle Surface Mount ChipLED
Data Sheet
Description
The ASMT-CA00 of amber color chip-type LEDs is
designed with the smallest footprint to achieve high
density of components on board. They have the industry
standard footprint 1.6 mm x 1.0 mm and a height of only
0.4 mm. This makes them very suitable for cellular phone
and mobile equipment backlighting and indication ap-
plication where space is a constraint. In order to facilitate
automated pick and place operation, these ChipLEDs are
shipped in conductive tape and reel, with 4000 units per
reel. These part are compatible with IR soldering.
Features
Small size right angle mount
0603 industry standard footprint
0.4 mm low profile type
Operating temperature range of -30°C to +85 °C
Compatible with IR reflow soldering process
Available in 8mm tape on 178mm (7’) diameter reels
Reel sealed in zip locked moisture barrier bags
Applications
LCD Backlighting
Keypad Side / Backlighting
Pushbutton backlighting
Symbol Indicator
Package Dimension
Notes:
1. All dimensions will be in millimeters (inches)
2. Tolerance is
±0.1mm (±0.004 in) unless otherwise stated
CAUTION: ASMT-CA00 LEDs are Class 1A ESD sensitive per JESD22-A114C.01. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
SIDE VIEW
TOP VIEW
1.60
0.063
0.20
0.20
0.008
0.008
1.20
0.047
1.00
0.039
0.50
0.020
R0.60
0.024
0.20
0.009
0.40`0.05
0.016`0.002
0.30
0.012
0.30
0.012
0.012
0.30
0.35
0.014
0.35
0.014
CATHODE MARK
TERMINAL VIEW


Similar Part No. - ASMT-CA00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
More results

Similar Description - ASMT-CA00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CR00 BOARDCOM-ASMT-CR00 Datasheet
338Kb / 6P
   AlInGaP Red 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CB00 AVAGO-ASMT-CB00 Datasheet
305Kb / 7P
   InGaN Blue, 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CW00 AVAGO-ASMT-CW00 Datasheet
333Kb / 7P
   InGaN White, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Agilent(Hewlett-Packard...
HSMA-C265 HP-HSMA-C265 Datasheet
367Kb / 5P
   AlInGaP chipLED
logo
Broadcom Corporation.
HSMA-C380 BOARDCOM-HSMA-C380 Datasheet
734Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMA-C350 BOARDCOM-HSMA-C350 Datasheet
737Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMA-C230 BOARDCOM-HSMA-C230 Datasheet
788Kb / 10P
   Amber Color Side-Mount ChipLED
logo
Agilent(Hewlett-Packard...
HSME-C110 HP-HSME-C110 Datasheet
216Kb / 12P
   AlInGaP Green ChipLED
logo
ALPS ELECTRIC CO.,LTD.
SKRM ALPS-SKRM_15 Datasheet
752Kb / 3P
   0.4mm Height Low-profile (Surface Mount Type)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com