Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-3007-021 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-3007-021
Description  Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASDL-3007-021 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ASDL-3007-021 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASDL-3007-021 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASDL-3007-021 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASDL-3007-021 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASDL-3007-021 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASDL-3007-021 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASDL-3007-021 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASDL-3007-021 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASDL-3007-021 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Operating Temperature
TA
-25
+85
°C
Supply Voltage
VCC
2.4
.6
V
LED Anode Voltage
VLEDA
5.5
V
VledA < Vcc + 4V
Logic Input Voltage for TXD IR
Logic High
VIH-IR
Vcc-0.5
Vcc
V
Logic Low
VIL-IR
0
0.4
V
Logic Input Voltage for TXD RC
Logic High
VIH-RC
Vcc-0.5
Vcc
V
Logic Low
VIL-RC
0
0.4
V
Logic Input Voltage for SD
Logic High
VIH-SD
Vcc-0.5
Vcc
V
Logic Low
VIL-SD
0
0.4
V
Receiver Input Irradiance
Logic High
EIH
0.0090
500
mW/cm2
For in-band signals ≤
115.2kbit/s []
Logic Low
EIL
0.
mW/cm2
For in-band signals []
LED (Logic High) Current Pulse Amplitude (IR)
ILEDA
40
mA
LED (Logic High) Current Pulse Amplitude (RC)
ILEDA
150
mA
Receiver Data Rate
9.6
115.2
kbit/s
Ambient Light
See IrDA Serial Infrared
Physical Layer Link
Specification, Appendix A
for ambient levels
Note :
[1] An in-band optical signal is a pulse/sequence where the peak wavelength, lp, is defined as 850 ≤ lp ≤ 900 nm, and the pulse characteristics are
compliant with the IrDA Serial Infrared Physical Layer Link Specification v1.4.


Similar Part No. - ASDL-3007-021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3023 AVAGO-ASDL-3023 Datasheet
909Kb / 25P
   IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
ASDL-3023 LITEON-ASDL-3023 Datasheet
640Kb / 26P
   IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3023-008 AVAGO-ASDL-3023-008 Datasheet
909Kb / 25P
   IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
ASDL-3023-021 AVAGO-ASDL-3023-021 Datasheet
909Kb / 25P
   IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
ASDL-3023-S21 AVAGO-ASDL-3023-S21 Datasheet
909Kb / 25P
   IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
More results

Similar Description - ASDL-3007-021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3002 AVAGO-HSDL-3002 Datasheet
436Kb / 20P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Transmission Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com