Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMRX-1510-2ABB Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMRX-1510-2ABB
Description  Ultra-slim Scroll Wheel with 5-way Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMRX-1510-2ABB Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  AMRX-1510-2ABB Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2ABB Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2ABB Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2ABB Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2ABB Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2ABB Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMRX-1510-2ABB Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Electrical Connections
Pin
Symbol
Description
1
VLED
LED Anode

PDN
Power Down Control. LOW: Activate Power Down
3
S1
Connect to Switch 1 (S1)
4
S
Connect to Switch  (S)
5
S5
Connect to Switch 5 (S5)
6
GND_SW
Common Ground for S1,S,S3,S4,S5
7
S4
Connect to Switch 4 (S4)
8
S3
Connect to Switch 3 (S3)
9
GND
Supply Ground
10
VCC
Supply Voltage
11
CH A
Channel A
1
CH B
Channel B
13
NC
Not Connected
14
NC
Not Connected
15
NC
Not Connected
Ordering Information
A
M
R
X
-
1
5
1
0
-
1
B
W
A
Form Factor:
1 - 18.5mm Diameter,
1.9mm Height
Dome Switches:
5 - Four directional switches, one
center switch.
Mounting +Connectivity Option:
0 - Direct Solder, 1mm pitch
1 - FPC 15-way 0.5 mm pitch, 25 mm length
Scroll Resolution:
0 - 45 Cycles Per Revolution (CPR)
I/O Voltage:
1 - 1.8V
2 - 3.3V
Center Button:
A - High Gloss Black colored
B - Black colored (Matt)
Illumination Color / LED Color:
W - White
B - Blue
Dial Color/Finishing:
A - VM Chrome Finish (Matt)
B - Black SF Rubber
C - High Gloss Black
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 007 Avago Technologies Limited. All rights reserved.
AV0-0417EN - August 3, 007


Similar Part No. - AMRX-1510-2ABB

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMRX-1500-1BWA AVAGO-AMRX-1500-1BWA Datasheet
458Kb / 8P
   Ultra-slim Scrollwheel with 5-way Switch
More results

Similar Description - AMRX-1510-2ABB

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMRX-1500-1BWA AVAGO-AMRX-1500-1BWA Datasheet
458Kb / 8P
   Ultra-slim Scrollwheel with 5-way Switch
logo
C&K Components
TSW CK-COMPONENTS-TSW Datasheet
302Kb / 4P
   3 or 7 Function Tact and Scroll Wheel
logo
Picker Components
PC563 PICKER-PC563 Datasheet
167Kb / 2P
   Ultra Slim 5 Amp Relay
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
   Ultra Slim Design
logo
M/A-COM Technology Solu...
MAAM-009779 MA-COM-MAAM-009779_15 Datasheet
1Mb / 9P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
logo
BOWIN ELECTRONIC CO.
LS6109 BOWIN-LS6109 Datasheet
99Kb / 9P
   Scroll Second Watch
logo
Mean Well Enterprises C...
HDR-60 MEANWELL-HDR-60 Datasheet
738Kb / 4P
   ULTRA SLIM DESIGN WITH 52.5MM(2SU) WIDTH
logo
M/A-COM Technology Solu...
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
logo
Mean Well Enterprises C...
HDR-15 MEANWELL-HDR-15 Datasheet
631Kb / 4P
   ULTRA SLIM DESIGN WITH 17.5MM(1SU) WIDTH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com