Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29L008A Datasheet(PDF) 8 Page - AMIC Technology

Part # A29L008A
Description  1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L008A Datasheet(HTML) 8 Page - AMIC Technology

Back Button A29L008A Datasheet HTML 4Page - AMIC Technology A29L008A Datasheet HTML 5Page - AMIC Technology A29L008A Datasheet HTML 6Page - AMIC Technology A29L008A Datasheet HTML 7Page - AMIC Technology A29L008A Datasheet HTML 8Page - AMIC Technology A29L008A Datasheet HTML 9Page - AMIC Technology A29L008A Datasheet HTML 10Page - AMIC Technology A29L008A Datasheet HTML 11Page - AMIC Technology A29L008A Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
A29L008A Series
(October, 2006, Version 1.0)
7
AMIC Technology, Corp.
Autoselect Mode
The autoselect mode provides manufacturer and device
identification, and sector protection verification, through
identifier codes output on I/O7 - I/O0. This mode is primarily
intended for programming equipment to automatically match
a
device
to
be
programmed
with
its
corresponding
programming algorithm. However, the autoselect codes can
also be accessed in-system through the command register.
When using programming equipment, the autoselect mode
requires VID (11.5V to 12.5 V) on address pin A9. Address
pins A6, A1, and A0 must be as shown in Autoselect Codes
(High Voltage Method) table. In addition, when verifying
sector protection, the sector address must appear on the
appropriate
highest
order
address
bits.
Refer
to
the
corresponding
Sector
Address
Tables.
The
Command
Definitions table shows the remaining address bits that are
don't care. When all necessary bits have been set as
required, the programming equipment may then read the
corresponding identifier code on I/O7 - I/O0.To access the
autoselect codes in-system, the host system can issue the
autoselect command via the command register, as shown in
the Command Definitions table. This method does not
require VID. See "Command Definitions" for details on using
the autoselect mode.
Table 4. A29L008A Autoselect Codes (High Voltage Method)
Description
CE
OE
WE
A19
to
A13
A12
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
I/O7
to
I/O0
Manufacturer ID: AMIC
L
L
H
X
X
VID
X
L
X
L
L
37h
Device ID: A29L008A
(Top Boot Block)
L
L
H
X
X
VID
X
L
X
L
H
1Ah
Device ID: A29L008A
(Bottom Boot Block)
L
L
H
X
X
VID
X
L
X
L
H
9Bh
Continuation ID
L
L
H
X
X
VID
X
L
X
H
H
7Fh
01h
(protected)
Sector Protection Verification
L
L
H
SA
X
VID
X
L
X
H
L
00h
(unprotected)
L=Logic Low= VIL, H=Logic High=VIH, SA=Sector Address, X=Don’t Care.
Note: The autoselect codes may also be accessed in-system via command sequences.


Similar Part No. - A29L008A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008TV-70 AMICC-A29L008TV-70 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008TV-90 AMICC-A29L008TV-90 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008TV-90U AMICC-A29L008TV-90U Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008UV-70 AMICC-A29L008UV-70 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L008A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com