Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-57J5APZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-57J5APZ
Description  Digital Diagnostic SFP, 1310nm, Fabry Perot 3.072/2.4576 Gb/s, RoHS OBSAI/CPRI Compatible Optical Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-57J5APZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-57J5APZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J5APZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J5APZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J5APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J5APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J5APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J5APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J5APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-57J5APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AFCT-57J5APZ
Digital Diagnostic SFP, 1310nm, Fabry Perot 3.072/2.4576 Gb/s,
RoHS OBSAI/CPRI Compatible Optical Transceiver
Data Sheet
1310nm, SFP (Small Form Pluggable), Low Voltage (3.3V)
Digital Diagnostic, Optical Transceiver
Description
Avago’s AFCT-57J5APZ optical transceiver supports
high speed serial links over single mode optical fiber at
signaling rates up to 3.072Gb/s for wireless base station
applications involving the OBSAI or CPRI protocols, as
well as related applications. The transceiver is compliant
with Small Form Pluggable (SFP) single-source agree-
ments INF-8074 and SFF-8472 for mechanical and electri-
cal specifications and FOCIS/IEC specifications for optical
duplex LC connectors.
As an enhancement to the conventional SFP interfaced
defined in INF-8074, the AFCT-57J5APZ is compliant to
SFF-8472 (Digital Diagnostic Interface for Optical Trans-
ceivers). Using the 2-wire serial interface defined in SFF-
8472, the transceiver provides real time temperature,
supply voltage, laser bias current, laser average output
power and received input power. This information is in
addition to conventional SFP base data. The digital diag-
nostic interface also adds the ability to disable the trans-
mitter and monitor the status of transmitter fault and
receiver loss of signal.
Related Products
• AFBR-57J5AEZ: 850nm +3.3V LC SFP
for OBSAI and CPRI
• AFCT-57R5AEZ: 1310nm +3.3V LC SFP
for 4.25/2.125/1.0625 GBd Fibre Channel
• AFBR-57R5AEZ: 850nm +3.3V LC SFP
for 4.25/2.125/1.0625 GBd Fibre Channel
• AFCT-57D5APZ: 1310nm +3.3V LC SFP
for 8.5/4.25/2.125 GBd Fibre Channel
Features
• Fully RoHS Compliant
• Diagnostic Features Per SFF-8472 “Diagnostic
Monitoring Interface for Optical Transceivers”
• Real time monitors of:
- Transmitted Optical Power
- Received Optical Power
- Laser Bias Current
- Temperature
- Supply Voltage
• Industrial Temperature and Supply Voltage Operation
(-40°C to 85°C) (3.3V ± 10%)
• Transceiver Specifications per SFP (INF-8074) and SFF-
8472 (revision 9.6)
• Up to 7km with 9um fiber for 3.072 Gb/s
• Up to 8km with 9um fiber for 2.4576 Gb/s
• LC Duplex optical connector interface conforming to
ANSI TIA/EIA604-10 (FOCIS 10A)
• 1310nm Fabry Perot Laser (FP) Source Technology
• IEC 60825-1 Class 1/CDRH Class 1 laser eye safe
• Compatible with Fibre Channel and Gigabit Ethernet
applications
Applications
Wireless and cellular base station system interconnect:
OBSAI rates: 3.072 Gb/s, 1.536 Gb/s, 0.768 Gb/s
CPRI rates: 3.072 Gb/s, 2.4576 Gb/s, 1.2288 Gb/s, 0.6144
Gb/s


Similar Part No. - AFCT-57J5APZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-57J5APZ BOARDCOM-AFCT-57J5APZ Datasheet
176Kb / 19P
   1310nm, Fabry Perot 3.072/2.4576 Gb/s, Low Voltage (3.3V) SFP (Small Form Pluggable), RoHS OBSAI/CPRI Compatible Digital Diagnostic Optical Transceiver
AFCT-57J5APZ BOARDCOM-AFCT-57J5APZ Datasheet
152Kb / 18P
   1310nm, 20km, 3.072/2.4576 Gb/s, Low Voltage (3.3 V), SFP (Small Form Pluggable), RoHS OBSAI/CPRI Compatible, Digital Diagnostic Optical Transceiver
More results

Similar Description - AFCT-57J5APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57J5APZ AVAGO-AFBR-57J5APZ_13 Datasheet
344Kb / 18P
   Digital Diagnostic SFP, 850nm 3.072/2.4576 Gb/s, RoHS OBSAI/CPRI Compatible Optical Transceiver
logo
Broadcom Corporation.
AFCT-57J5APZ BOARDCOM-AFCT-57J5APZ Datasheet
176Kb / 19P
   1310nm, Fabry Perot 3.072/2.4576 Gb/s, Low Voltage (3.3V) SFP (Small Form Pluggable), RoHS OBSAI/CPRI Compatible Digital Diagnostic Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57J5APZ AVAGO-AFBR-57J5APZ Datasheet
579Kb / 18P
   Digital Diagnostic SFP, 850nm 3.072/2.4576 Gb/s, RoHS OBSAI/CPRI Compatible Optical Transceiver
logo
Broadcom Corporation.
AFCT-57J5ATPZ BOARDCOM-AFCT-57J5ATPZ Datasheet
152Kb / 18P
   1310nm, 20km, 3.072/2.4576 Gb/s, Low Voltage (3.3 V), SFP (Small Form Pluggable), RoHS OBSAI/CPRI Compatible, Digital Diagnostic Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57J7APZ AVAGO-AFBR-57J7APZ Datasheet
344Kb / 18P
   Digital Diagnostic SFP, 850nm 6.144/7.3728 Gb/s, RoHS OBSAI/CPRI Compatible Optical Transceiver
logo
Broadcom Corporation.
AFBR-57J7APZ BOARDCOM-AFBR-57J7APZ Datasheet
151Kb / 18P
   Digital Diagnostic SFP, 850nm 6.144/7.3728 Gb/s, RoHS OBSAI/CPRI Compatible Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57J7ATPZ AVAGO-AFCT-57J7ATPZ_15 Datasheet
248Kb / 17P
   RoHS OBSAI/CPRI Compatible, Digital Diagnostic Optical Transceiver
AFCT-57J5ATPZ AVAGO-AFCT-57J5ATPZ Datasheet
152Kb / 18P
   1310nm, 20km, 3.072/2.4576 Gb/s, Low Voltage (3.3 V) Digital Diagnostic Optical Transceiver
AFBR-57J9AMZ AVAGO-AFBR-57J9AMZ Datasheet
452Kb / 17P
   RoHS OBSAI/CPRI Compatible Optical Transceiver
AFCT-57J7ATPZ AVAGO-AFCT-57J7ATPZ Datasheet
248Kb / 17P
   Compatible, Digital Diagnostic Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com