Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2225-4SYMT Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2225-4SYMT
Description  2MHz 600mA Synchronous Buck Regulator with 300mA LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2225-4SYMT Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2225-4SYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 9Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 10Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 11Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 12Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 13Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Micrel, Inc.
MIC2225
October 2007
10
M9999-101107-B
Functional Description
VIN
VIN provides power to the MOSFETs for the switch
mode regulator section, along with the current limiting
sensing. Due to the high switching speeds, it is
recommended that an 1µF capacitor be placed close to
VIN and the power ground (PGND) pin for bypassing.
Please refer to layout recommendations.
AVIN
Analog VIN (AVIN) provides power to the LDO section
and the bias through an internal 6Ω resistor. AVIN and
VIN must be tied together. Careful layout should be
considered to ensure high frequency switching noise
caused by VIN is reduced before reaching AVIN.
LDO
The LDO pin is the output of the linear regulator and
needs to be connected to a 2.2µF output capacitor.
EN
The enable pin provides a logic level control of the
output. In the off state, the supply current of the device is
greatly reduced (typically <1µA). Also, in the off state,
the output drive is placed in a "tri-stated" condition,
wherein both the high side P-channel MOSFET and the
low-side N-channel are in an “off” or non-conducting
state. Do not drive the enable pin above the supply
voltage.
ENLDO
The enable pin provides a logic level control of the LDO
output. In the off state, supply current of the device is
greatly reduced (typically <1µA). Do not drive the enable
pin above the supply voltage.
BIAS
The BIAS pin supplies the power to the internal power to
the control and reference circuitry. The bias is powered
from AVIN through an internal 6Ω resistor. A small 0.1µF
capacitor is recommended for bypassing.
FB
The feedback pin (FB) provides the control path to
control the output. For fixed output, the controller
output is directly connected to the feedback (FB) pin.
SW
The switch (SW) pin connects directly to the inductor
and provides the switching current necessary to operate
in PWM mode. Due to the high speed switching on this
pin, the switch node should be routed away from
sensitive nodes.
PGND
Power ground (PGND) is the ground path for the high
current PWM mode. The current loop for the power
ground should be as small as possible and separate
from the Analog ground (AGND) loop. Refer to the layout
considerations for more details.
SGND
Signal ground (SGND) is the ground path for the biasing
and control circuitry. The current loop for the signal
ground should be separate from the Power ground
(PGND) loop. Refer to the layout considerations for more
details.


Similar Part No. - MIC2225-4SYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2225-4SYMT MICREL-MIC2225-4SYMT Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results

Similar Description - MIC2225-4SYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
   2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
   2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
logo
Global Mixed-mode Techn...
G5723B GMT-G5723B Datasheet
63Kb / 1P
   1.4MHz 1A Synchronous Buck Converter with 600mA LDO Regulator
logo
Anpec Electronics Corop...
APW7566 ANPEC-APW7566 Datasheet
253Kb / 19P
   The Synchronous Buck Converter with 300mA LDO
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com