Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APDS-9005 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9005
Description  Miniature Surface-Mount Ambient Light Photo Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9005 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS-9005 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image

Appendix B: Optical Window Design for APDS-9005
2.0 Optical Window Dimensions
ToensurethattheperformanceoftheAPDS-9005willnot
beaffectedbyimproperwindowdesign,therearesome
constraintsonthedimensionsanddesignofthewindow.
Thereisaconstraintontheminimumsizeofthewindow,
whichisplacedinfrontofthephotolightsensor,sothat
itwillnotaffecttheangularresponseoftheAPDS-9005.
This minimum dimension that is recommended will
ensureatleasta±35°lightreceptioncone.
Ifasmallerwindowisrequired,alightpipeorlightguide
can be used.A light pipe or light guide is a cylindrical
piece of transparent plastic, which makes use of total
internalreflectiontofocusthelight.
Thethicknessofthewindowshouldbekeptasminimum
as possible because there is a loss of power in every
optical window of about 8% due to reflection (4% on
eachside)andanadditionallossofenergyintheplastic
material.
Figure B1 and B2 illustrate the two types of window
thatwehaverecommendedwhichcouldeitherbeaflat
windoworaflatwindowwithlightpipe.
Table 1 and Figure B3 below show the recommended
dimensionsofthewindow.Thesedimensionvaluesare
basedonawindowthicknessof1.0mmwitharefractive
index1.585.
Figure B1. Window Size Determination for Flat Window
Figure B2. Window Design of Flat Window with Light Guide
Z
L
T
D1
WD
Top View
D2 D1
APDS-9005
LightRecevingArea
Figure B3. Recommended Window Dimensions
WD:
Working Distance between window front panel
&APDS-9005
D1:
WindowDiameter
T:
Thickness
L:
LengthofLightPipe
D2:
LightPipeDiameter
Z:
Distance between window rear panel and
APDS-9005
Table 1. Recommended minimum dimension for optical window
WD
(T+L+Z)
Flat Window
(L=0.0)
Flat window
with Light Pipe
Z
D1
D1/D2
T/L/Z
.5
0.5
.05
-
-
.0
.0
.5
-
-
.5
.5
3.45
-
-
3.0
.0
4.5
.0/.
.0/.5/0.5
Alldimensionsareinmm
Thewindowshouldbeplaceddirectlyontopofthelight
receivingarea(activearea)ofthephotosensortoachieve
betterperformanceandifaflatwindowwithalightpipe
isused,dimensionD2shouldbe1.2mmtooptimizethe
performanceofAPDS-9005.
Therecommendedminimumwindowdimensionisbased
ontheassumptionthatthecenterofthewindowandthe
centerofthelightreceivingofthephotosensorarethe
same.Itisrecommendedthatthetoleranceforassembly
be considered as well.The recommended minimum
windowsizewhichwilltakeintoaccountoftheassembly
toleranceisdefinedas:
D1 (min + assembly tolerance) = D1min + 2*(assembly
tolerance)(Dimensionsareinmm)
D2 (min + assembly tolerance) = D2min + 2*(assembly
tolerance)(Dimensionsareinmm)


Similar Part No. - APDS-9005

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
APDS-9005 BOARDCOM-APDS-9005 Datasheet
699Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results

Similar Description - APDS-9005

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002 AVAGO-APDS-9002 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9009 AVAGO-APDS-9009 Datasheet
696Kb / 10P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com