Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS1034 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS1034
Description  HEX DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS1034 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS1034 Datasheet HTML 1Page - Texas Instruments SN74ALS1034 Datasheet HTML 2Page - Texas Instruments SN74ALS1034 Datasheet HTML 3Page - Texas Instruments SN74ALS1034 Datasheet HTML 4Page - Texas Instruments SN74ALS1034 Datasheet HTML 5Page - Texas Instruments SN74ALS1034 Datasheet HTML 6Page - Texas Instruments SN74ALS1034 Datasheet HTML 7Page - Texas Instruments SN74ALS1034 Datasheet HTML 8Page - Texas Instruments SN74ALS1034 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN54ALS1034, SN54AS1034A, SN74ALS1034, SN74AS1034A
HEX DRIVERS
SDAS053B − APRIL 1982 − REVISED JANUARY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS1034
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS1034
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS1034
SN74ALS1034
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
−12
−15
mA
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS1034
SN74ALS1034
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VCC −2
VOH
IOH = − 3 mA
2.4
3.2
2.4
3.2
V
VOH
VCC = 4.5 V
IOH = − 12 mA
2
V
VCC = 4.5 V
IOH = − 15 mA
2
VOL
VCC = 4.5 V
IOL = 12 mA
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
−20
−112
−30
−112
mA
ICCH
VCC = 5.5 V,
VI = 4.5 V
3
6
3
6
mA
ICCL
VCC = 5.5 V,
VI = 0
8
14
8
14
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS1034

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS1034 TI-SN74ALS1034 Datasheet
120Kb / 8P
[Old version datasheet]   HEX DRIVERS
SN74ALS1034D TI-SN74ALS1034D Datasheet
120Kb / 8P
[Old version datasheet]   HEX DRIVERS
SN74ALS1034D TI1-SN74ALS1034D Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
SN74ALS1034DE4 TI1-SN74ALS1034DE4 Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
SN74ALS1034DG4 TI1-SN74ALS1034DG4 Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
More results

Similar Description - SN74ALS1034

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS1034 TI-SN54ALS1034 Datasheet
120Kb / 8P
[Old version datasheet]   HEX DRIVERS
5962-8873101CA TI1-5962-8873101CA Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_1 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
DS16149 TI1-DS16149_11 Datasheet
381Kb / 8P
[Old version datasheet]   Hex MOS Drivers
SN54AS1004A TI-SN54AS1004A_07 Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
logo
National Semiconductor ...
DS16149 NSC-DS16149 Datasheet
132Kb / 6P
   Hex MOS Drivers
logo
Texas Instruments
SN5406 TI1-SN5406_15 Datasheet
1,016Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com