Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP300AIDCKRG4 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TMP300AIDCKRG4
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP300AIDCKRG4 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  TMP300AIDCKRG4 Datasheet HTML 1Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 2Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TMP300
SBOS335A – JUNE 2005 – REVISED SEPTEMBER 2007
At VS = 3.3V and TA = –40°C to +125°C, unless otherwise noted.
TMP300
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(1)
MAX(1)
UNIT
TEMPERATURE MEASUREMENT
Measurement Range
VS = 2.35V to 18V
–40
+125
°C
VS = 1.8V to 2.35V
–40
100(VS – 0.95)
°C
TRIP POINT
Total Accuracy
TA = –40°C to +125°C
±2
±4
°C
RSET Equation
TC is in °C
RSET = 10 (50 + TC)/3
k
HYSTERESIS SET INPUT
LOW Threshold
0.4
V
HIGH Threshold
VS – 0.4
V
Threshold Hysteresis
HYSTSET = GND
5
°C
HYSTSET = VS
10
°C
DIGITAL OUTPUT
Logic Family
CMOS
Open-Drain Leakage Current
OUT = VS
10
μA
Logic Levels
VOL
VS = 1.8V to 18V, ISINK = 5mA
0.3
V
ANALOG OUTPUT
Accuracy
±2
±3
°C
Temperature Sensitivity
10
mV/
°C
Output Voltage
TA = +25°C
720
750
780
mV
VTEMP Pin Output Resistance
210
k
POWER SUPPLY
VS = 1.8V to 18V,
Quiescent Current(2)
IQ
110
μA
TA = –40°C to +125°C
TEMPERATURE RANGE
Specified Range
VS = 2.35V to 18V
–40
+125
°C
VS = 1.8V to 2.35V
–40
100(VS – 0.95)
°C
Operating Range
VS = 2.35V to 18V
–40
+150
°C
VS = 1.8V to 2.35V
–50
100(VS – 0.95)
°C
Thermal Resistance,
θJA
SC70
250
°C/W
SOT23-6(3)
180
°C/W
(1)
100% of production is tested at TA = +85°C. Specifications over temperature range are ensured by design.
(2)
See Figure 1 for typical quiescent current.
(3)
Available Q4, 2007.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP300


Similar Part No. - TMP300AIDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300AIDCKRG4 TI-TMP300AIDCKRG4 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKRG4 TI1-TMP300AIDCKRG4 Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKRG4 TI1-TMP300AIDCKRG4 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results

Similar Description - TMP300AIDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com