Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-5270 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-5270
Description  High-Performance Photodiode in T-1쩐 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASDL-5270 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ASDL-5270 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASDL-5270 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASDL-5270 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASDL-5270 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASDL-5270 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

ASDL-5270
High-Performance Photodiode in T-¾ Package
Data Sheet
Description
ASDL-5270 is a Silicon PIN Photodiode encapsulated in
dark T-1¾ package. The added feature of a dark tint acts
as an optical filter to reduce effects of ambient light from
interfering with the Infrared signal. It is ideal for applica-
tions from 700nm to 1100nm that require high sensitivity
with low dark current and fast response time.
Features
• T-1¾ package
• Fast Response Time
• Low Dark Current
• High Sensitivity
• Low junction capacitance
• Wide Viewing Angle
• Lead Free & ROHS Compliant
• Available in Tape & Reel
Applications
• Photo-Interrupters
• High Speed IR data communication
• Industrial Electronics & Equipment
• Consumer Electronics (Optical Mouse, Remote Control,
Printer etc)


Similar Part No. - ASDL-5270

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-5770 AVAGO-ASDL-5770 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5770-D22 AVAGO-ASDL-5770-D22 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5770-D31 AVAGO-ASDL-5770-D31 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5771 AVAGO-ASDL-5771 Datasheet
141Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5771-D22 AVAGO-ASDL-5771-D22 Datasheet
141Kb / 5P
   High Performance Photodiode in Side Look Package
More results

Similar Description - ASDL-5270

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-6270 AVAGO-ASDL-6270 Datasheet
188Kb / 4P
   High Performance Silicon NPN Phototransistor in Dark T-1쩐 Package
logo
TT Electronics.
OVLGB0C6B9 TTELEC-OVLGB0C6B9 Datasheet
673Kb / 6P
   High-Intensity LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGY0CXB9 OPTEK-OVLGY0CXB9 Datasheet
974Kb / 4P
   High-Intensity Yellow LED in Plastic T-1쩐 Package
logo
TT Electronics.
OVLGG0CXB9 TTELEC-OVLGG0CXB9 Datasheet
981Kb / 4P
   High-Intensity Green LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGO0CXB9 OPTEK-OVLGO0CXB9 Datasheet
972Kb / 4P
   High-Intensity Orange LED in Plastic T-1쩐 Package
OVLGS0CXB9 OPTEK-OVLGS0CXB9 Datasheet
973Kb / 4P
   High-Intensity Red LED in Plastic T-1쩐 Package
logo
TT Electronics.
OVLGO0CXB9 TTELEC-OVLGO0CXB9 Datasheet
977Kb / 4P
   High-Intensity Orange LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGB0CXB9 OPTEK-OVLGB0CXB9 Datasheet
974Kb / 4P
   High-Intensity Blue LED in Plastic T-1쩐 Package
OVLGG0CXB9 OPTEK-OVLGG0CXB9 Datasheet
976Kb / 4P
   High-Intensity Green LED in Plastic T-1쩐 Package
logo
Avic Technology
OVLGC0CXB9 AVICTEK-OVLGC0CXB9 Datasheet
976Kb / 4P
   High-Intensity Blue-Green LED in Plastic T-1쩐 Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com