Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-5270 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-5270
Description  High-Performance Photodiode in T-1쩐 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASDL-5270 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ASDL-5270 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASDL-5270 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASDL-5270 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASDL-5270 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASDL-5270 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
%
100
80
60
40
20
0
700 800 900 1000 1100
10
-2
mW
CM
10
2
3
uA
0
10
20
30
40
50
60
80
100
1.0
0.9
0.8
0.6
0
175
125
75
25
0
-40
Wavelength
Figure 5. RELATIVE SPECTRAL SENSITIVITY VS WAVELENGTH
Irradiance Ee
Figure 6. PHOTOCURRENT VS IRRADIANCE λ = 940 nm
Figure 7. SENSITIVITY DIAGRAM
Ambient Temperature
Figure 8. TOTAL POWER DISSIPATION VS AMBIENT TEMPERATURE
-1
10
0
10
1
10
2
10
1
10
0
10
-1
10
0.7
0.3
0.5
0.2 0.4
100 C
o
o
o
o
o
o
o
o
o
o
-20 0 20 40 60 80
Typical Electrical/Optical Characteristics Curves (TA=25˚C unless otherwise indicated) Cont.
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 007 Avago Technologies Limited. All rights reserved.
AV0-000EN - January 8, 007


Similar Part No. - ASDL-5270

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-5770 AVAGO-ASDL-5770 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5770-D22 AVAGO-ASDL-5770-D22 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5770-D31 AVAGO-ASDL-5770-D31 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5771 AVAGO-ASDL-5771 Datasheet
141Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5771-D22 AVAGO-ASDL-5771-D22 Datasheet
141Kb / 5P
   High Performance Photodiode in Side Look Package
More results

Similar Description - ASDL-5270

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-6270 AVAGO-ASDL-6270 Datasheet
188Kb / 4P
   High Performance Silicon NPN Phototransistor in Dark T-1쩐 Package
logo
TT Electronics.
OVLGB0C6B9 TTELEC-OVLGB0C6B9 Datasheet
673Kb / 6P
   High-Intensity LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGY0CXB9 OPTEK-OVLGY0CXB9 Datasheet
974Kb / 4P
   High-Intensity Yellow LED in Plastic T-1쩐 Package
logo
TT Electronics.
OVLGG0CXB9 TTELEC-OVLGG0CXB9 Datasheet
981Kb / 4P
   High-Intensity Green LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGO0CXB9 OPTEK-OVLGO0CXB9 Datasheet
972Kb / 4P
   High-Intensity Orange LED in Plastic T-1쩐 Package
OVLGS0CXB9 OPTEK-OVLGS0CXB9 Datasheet
973Kb / 4P
   High-Intensity Red LED in Plastic T-1쩐 Package
logo
TT Electronics.
OVLGO0CXB9 TTELEC-OVLGO0CXB9 Datasheet
977Kb / 4P
   High-Intensity Orange LED in Plastic T-1쩐 Package
logo
OPTEK Technologies
OVLGB0CXB9 OPTEK-OVLGB0CXB9 Datasheet
974Kb / 4P
   High-Intensity Blue LED in Plastic T-1쩐 Package
OVLGG0CXB9 OPTEK-OVLGG0CXB9 Datasheet
976Kb / 4P
   High-Intensity Green LED in Plastic T-1쩐 Package
logo
Avic Technology
OVLGC0CXB9 AVICTEK-OVLGC0CXB9 Datasheet
976Kb / 4P
   High-Intensity Blue-Green LED in Plastic T-1쩐 Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com