Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXB0102DCUR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0102DCUR
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0102DCUR Datasheet(HTML) 2 Page - Texas Instruments

  TXB0102DCUR Datasheet HTML 1Page - Texas Instruments TXB0102DCUR Datasheet HTML 2Page - Texas Instruments TXB0102DCUR Datasheet HTML 3Page - Texas Instruments TXB0102DCUR Datasheet HTML 4Page - Texas Instruments TXB0102DCUR Datasheet HTML 5Page - Texas Instruments TXB0102DCUR Datasheet HTML 6Page - Texas Instruments TXB0102DCUR Datasheet HTML 7Page - Texas Instruments TXB0102DCUR Datasheet HTML 8Page - Texas Instruments TXB0102DCUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
Data
GND
GND
GND
Data
A1
B1
VCCA
VCCB
OE
1.8-V
System
Controller
3.3-V
System
1.8 V
3.3 V
Data
A2
Data
B2
0.1
µF
0.1
µF
TXB0102
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
WITH AUTO DIRECTION SENSING AND
±15-kV ESD PROTECTION
SCES641 – MAY 2007
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
TXB0102YZPR
2E_
(Pb-free)
Reel of 3000
TXB0102DCTR
–40
°C to 85°C
SOT (SOT-23) – DCT
NFD_
Reel of 250
TXB0102DCTT
Reel of 3000
TXB0102DCUR
SOT (SOT-70) – DCU
NFD_
Reel of 250
TXB0102DCUT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the
TI website at www.ti.com.
(3)
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
B2
Input/output B. Referenced to VCCB.
2
GND
Ground
3
VCCA
A port supply voltage. 1.2 V
≤ V
CCA ≤ 3.6 V and VCCA ≤ VCCB
4
A2
Input/output A. Referenced to VCCA.
5
A1
Input/output A. Referenced to VCCA.
6
OE
3-State output. Pull OE low to place all outputs in 3-state mode. Referenced to VCCA.
7
VCCB
B port supply voltage. 1.65 V
≤ V
CCB ≤ 5.5 V
8
B1
Input/output B. Referenced to VCCB.
TYPICAL OPERATING CIRCUIT
2
Submit Documentation Feedback


Similar Part No. - TXB0102DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0102DCUR TI-TXB0102DCUR Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102DCUR TI-TXB0102DCUR Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102DCURG4 TI-TXB0102DCURG4 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102DCURG4 TI-TXB0102DCURG4 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results

Similar Description - TXB0102DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101_08 Datasheet
838Kb / 22P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101 Datasheet
489Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com