Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3031B Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # S3031B
Description  E4/STM-1/OC-3 ATM TRANSCEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S3031B Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  S3031B Datasheet HTML 1Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 2Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 3Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 4Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 5Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 6Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 7Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 8Page - Applied Micro Circuits Corporation S3031B Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
S3031B
E4/STM-1/OC-3 ATM TRANSCEIVER
August 19, 1999 / Revision D
SONET/SDH OVERVIEW
Synchronous Optical Network (SONET) is a standard
for connecting one fiber system to another at the op-
tical level. SONET, together with the Synchronous
Digital Hierarchy (SDH) administered by the ITU-T,
form a single international standard for fiber intercon-
nect between telephone networks of different coun-
tries. SONET is capable of accommodating a variety
of transmission rates and applications.
The SONET standard is a layered protocol with four
separate layers defined. These are:
• Photonic
• Section
• Line
• Path
Figure 2 shows the layers and their functions. Each
of the layers has overhead bandwidth dedicated to
administration and maintenance. The photonic layer
simply handles the conversion from electrical to opti-
cal and back with no overhead. It is responsible for
transmitting the electrical signals in optical form over
the physical media. The section layer handles the
transport of the framed electrical signals across the
optical cable from one end to the next. Key functions
of this layer are framing, scrambling, and error moni-
toring. The line layer is responsible for the reliable
transmission of the path layer information stream
carrying voice, data, and video signals. Its main func-
tions are synchronization, multiplexing, and reliable
transport. The path layer is responsible for the actual
transport of services at the appropriate signaling rates.
Data Rates and Signal Hierarchy
Table 1 contains the data rates and signal designa-
tions of the SONET hierarchy. The lowest level is the
basic SONET signal referred to as the synchronous
transport signal level-1 (STS-1). An STS-
N signal is
made up of
N byte-interleaved STS-1 signals. The
optical counterpart of each STS-
N signal is an optical
carrier level-
N signal (OC-N). The S3031B supports
OC-3 rates (155.52 Mbps).
Frame and Byte Boundary Detection
The SONET/SDH fundamental frame format for STS-3
consists of nine transport overhead bytes followed by
Synchronous Payload Envelope (SPE) bytes. This pat-
tern of 9 overhead and 261 SPE bytes is repeated
nine times in each frame. Frame and byte boundaries
are detected using the A1 and A2 bytes found in the
transport overhead. (See Figure 3.)
For more details on SONET operations, refer to the
Bellcore SONET standard document.
Elec.
ITU-T
Optical Data Rate (Mbps)
STS-1
OC-1
51.84
STS-3
STM-1
OC-3
155.52
STS-12
STM-4
OC-12
622.08
STS-24
OC-24
1244.16
STS-48
STM-16
OC-48
2488.32
Table 1. SONET Signal Hierarchy
9
Rows
9 x 261 =
2349 bytes
Transport Overhead
Synchronous Payload
Envelope
9 Columns
261 Columns
125
µsec
1
A
1
A
1
A
2
A
2
A
2
A0
J0
Z0
Z
1
B*
*
1
E*
*
1
F*
*
1
D*
*
2
D*
*
3
D*
*
1
H1
H1
H2
H2
H2
H3
H3
H3
H
2
B2
B2
B1
K*
*
2
K*
*
4
D*
*
5
D*
*
6
D*
*
7
D*
*
8
D*
*
9
D*
*
0
1
D*
*
1
1
D*
*
2
1
D*
*
1
S1
Z1
Z2
Z2
Z1
M2
E*
*
Figure 3. STS-3/OC Frame Format
Figure 2. SONET Structure
0 bps
End Equipment
Payload to
SPE mapping
Maintenance,
protection,
switching
Optical
transmission
Scrambling,
framing
Fiber Cable
End Equipment
Section layer
Photonic layer
Line layer
Path layer
Path layer
Section layer
Photonic layer
Line layer
Layer Overhead
(Embedded Ops
Channel)
Functions
576 Kbps
192 Kbps


Similar Part No. - S3031B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3031-D300 ETC1-S3031-D300 Datasheet
105Kb / 2P
   Scavenger Transceiver Module STM 300 and STM 300C
More results

Similar Description - S3031B

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
logo
NXP Semiconductors
MC92501 NXP-MC92501 Datasheet
236Kb / 6P
   OC-3/STM-1 ATM Cell Processor
9/10/98
logo
M/A-COM Technology Solu...
29704-BRF-003-A MA-COM-29704-BRF-003-A_15 Datasheet
366Kb / 2P
   OptiPHY??F155 Quad OC-3/STM-1 ATM/POS PHY
29704-BRF-003-A MA-COM-29704-BRF-003-A Datasheet
366Kb / 2P
   OptiPHY F155 Quad OC-3/STM-1 ATM/POS PHY
logo
Exar Corporation
XRT95L34 EXAR-XRT95L34 Datasheet
14Kb / 2P
   OC-12/STM-4, QUAD OC-3/STM-1 POS/ATM FRAMER WITH INTEGRATED CDR?셎
logo
Finisar Corporation.
FTLF1323F2GTR FINISAR-FTLF1323F2GTR Datasheet
217Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1323F2XTR FINISAR-FTLF1323F2XTR Datasheet
246Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1323S2GTR FINISAR-FTLF1323S2GTR Datasheet
248Kb / 11P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x10 SFF Transceiver
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com