Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-C190 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-C190
Description  High Performance ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-C190 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMX-C190 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
• High brightness AlInGaP material
• Small size
• Industry standard footprint
• Diffused optics
• Top emitting or right angle emitting
• Available in 3 colors (red, orange, amber)
• Compatible with IR soldering
• Available in 8 mm tape on 7" diameter reel
• Reel sealed in zip locked moisture barrier bags
Applications
• LCD backlighting
• Push button backlighting
• Front panel indicator
• Symbol indicator
• Microdisplays
• Small message panel signage
Description
These chip-type LEDs utilize Aluminum Indium Gal-
lium Phosphide (AlInGaP) material technology. The
AlInGaP material has a very high luminous efficiency,
capable of producing high light output over a wide
range of drive
currents. The available colors in this
surface mount series are 592 nm Amber, 605 nm
Orange, 626 nm Red for AS AlInGaP and 631 nm red
for TS AlInGaP.
All packages are binned by both color and intensity,
except for red color.
These ChipLEDs come either in two top emitting
packages (HSMx-C170/C190/C191/C150) or in a side
emitting package (HSMx-C110). The right angle
ChipLEDs are suitable for applications such as LCD
backlighting. The top emitting ChipLEDs with wide
viewing angle are suitable for light piping and direct
backlighting of keypads and panels. In order to facili-
tate pick and place operation, these ChipLEDs are
shipped in tape and reel, with 4000 units per reel for
HSMx-C170/C190/C191 and 3000 units per reel for
HSMx-C110/C150.
These packages are compatible with IR soldering
process.
HSMA-C110/C170/C190/C191/C150
HSML-C110/C170/C190/C191/C150
HSMC-C110/C170/C190/C191/C150
HSMZ-C110/C170/C190
HSMx-C110/C170/C190/C191/C150
High Performance ChipLED
Data Sheet


Similar Part No. - HSMX-C190

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C190 HP-HSMX-C190 Datasheet
229Kb / 8P
   SMT ChipLEDs
HSMX-C190 HP-HSMX-C190 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
HSMX-C190 HP-HSMX-C190 Datasheet
260Kb / 8P
   Surface Mount Chip LEDs
More results

Similar Description - HSMX-C190

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
   High Performance Infrared Emitter (870nm) ChipLED
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
   High Performance Infrared Emitter (875nm) ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com