Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-C190 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-C190
Description  High Performance ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-C190 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMX-C190 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMX-C190 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Figure 15. Tape dimensions.
Figure 16. Tape leader and trailer dimensions.
Convective IR Reflow Soldering
For more information on IR
reflow soldering, refer to
Application Note 1060, Surface
Mounting SMT LED Indicator
Components.
Storage Condition: 5 to 30˚C
@ 60% RH max.
Baking is required under the
condition:
a) Humidity Indicator Card is
>10% when read at 23
± 5°C.
b) Device exposed to factory
conditions <30
°C/60% RH
more than 672 hours.
Baking recommended condition:
60 +/– 5˚C for 20 hours.
END
START
THERE SHALL BE A
MINIMUM OF 160 mm
(6.3 INCH) OF EMPTY
COMPONENT POCKETS
SEALED WITH COVER
TAPE.
MOUNTED WITH
COMPONENTS
THERE SHALL BE A
MINIMUM OF 160 mm
(6.3 INCH) OF EMPTY
COMPONENT POCKETS
SEALED WITH COVER
TAPE.
MINIMUM OF
230 mm
(9.05 INCH)
MAY CONSIST
OF CARRIER
AND/OR
COVER TAPE.
NOTES:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE IS ± 0.1 mm (± 0.004 IN.) UNLESS OTHERWISE SPECIFIED.
10
;;
;;;
;;;
;;;;;;;
;;;;;;
8.00 ± 0.30
(0.315 ± 0.012)
USER FEED
DIRECTION
DIM. A
(SEE TABLE 1)
3.50 ± 0.05
(0.138 ± 0.002)
1.75 (0.069)
DIM. C
(SEE TABLE 1)
0.20 ± 0.05
(0.008 ± 0.002)
CARRIER TAPE
COVER TAPE
DIM. B
(SEE TABLE 1)
4.00 (0.157)
2.00 ± 0.05
(0.079 ± 0.002)
4.00 (0.157)
1.50 (0.059)
TABLE 1
DIMENSIONS IN MILLIMETERS (INCHES)
CATHODE
DIM. A
± 0.10 (± 0.004)
DIM. B
± 0.10 (± 0.004)
PART NUMBER
DIM. C
± 0.10 (± 0.004)
HSMx-C170 SERIES
2.30 (0.091)
1.45 (0.057)
0.95 (0.037)
HSMx-C190 SERIES
1.75 (0.069)
0.90 (0.035)
0.90 (0.035)
HSMx-C110 SERIES
3.40 (0.134)
1.70 (0.067)
1.20 (0.047)
HSMx-C191 SERIES
1.86 (0.073)
0.89 (0.035)
0.87 (0.034)
HSMx-C150 SERIES
3.50 (0.138)
1.88 (0.074)
1.27 (0.050)
;;
;;;
;;;
HSMx-C110
POSITION IN
CARRIER TAPE
DIM. B
(SEE TABLE 1)
DIM. A
(SEE TABLE 1)
R 1.0 ± 0.05
(0.039 ± 0.002)


Similar Part No. - HSMX-C190

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C190 HP-HSMX-C190 Datasheet
229Kb / 8P
   SMT ChipLEDs
HSMX-C190 HP-HSMX-C190 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
HSMX-C190 HP-HSMX-C190 Datasheet
260Kb / 8P
   Surface Mount Chip LEDs
More results

Similar Description - HSMX-C190

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
   High Performance Infrared Emitter (870nm) ChipLED
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
   High Performance Infrared Emitter (875nm) ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com