Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-C150 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-C150
Description  High Performance ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-C150 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMX-C150 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes 5989-3604EN
AV02-0112EN January 25, 2007


Similar Part No. - HSMX-C150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C150 HP-HSMX-C150 Datasheet
229Kb / 8P
   SMT ChipLEDs
HSMX-C150 HP-HSMX-C150 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
HSMX-C150 HP-HSMX-C150 Datasheet
260Kb / 8P
   Surface Mount Chip LEDs
More results

Similar Description - HSMX-C150

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
   High Performance Infrared Emitter (870nm) ChipLED
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
   High Performance Infrared Emitter (875nm) ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com