Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP422AIDCNR Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP422AIDCNR
Description  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP422AIDCNR Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button TMP422AIDCNR Datasheet HTML 6Page - Burr-Brown (TI) TMP422AIDCNR Datasheet HTML 7Page - Burr-Brown (TI) TMP422AIDCNR Datasheet HTML 8Page - Burr-Brown (TI) TMP422AIDCNR Datasheet HTML 9Page - Burr-Brown (TI) TMP422AIDCNR Datasheet HTML 10Page - Burr-Brown (TI) TMP422AIDCNR Datasheet HTML 11Page - Burr-Brown (TI) TMP422AIDCNR Datasheet HTML 12Page - Burr-Brown (TI) TMP422AIDCNR Datasheet HTML 13Page - Burr-Brown (TI) TMP422AIDCNR Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
TEMPERATURE REGISTERS
STATUS REGISTER
CONFIGURATION REGISTER 1
TMP421
TMP422
SBOS398A – JULY 2007 – REVISED SEPTEMBER 2007
The TMP421/22 have four 8-bit registers that hold
The
Status
Register
reports
the
state
of
the
temperature measurement results. Both the local
temperature
ADCs.
Table
4 shows
the
Status
channel and the remote channel have a high byte
Register bits. The Status Register is read-only, and is
register that contains the most significant bits (MSBs)
read accessing pointer address 08h.
of the temperature analog-to-digital converter (ADC)
The BUSY bit = '1' if the ADC is making a conversion;
result and a low byte register that contains the least
it is set to '0' if the ADC is not converting.
significant bits (LSBs) of the temperature ADC result.
The local channel high byte address is 00h; the local
channel low byte address is 10h. The remote channel
high byte is at address 01h; the remote channel low
Configuration Register 1 (pointer address 09h) sets
byte address is 11h. For the TMP422, the second
the temperature range and controls shutdown mode.
remote channel high byte address is 02h; the second
The Configuration Register is set by writing to pointer
remote channel low byte is 12h. These registers are
address 09h and read by reading from pointer
read-only and are updated by the ADC each time a
address 09h.
temperature measurement is completed.
The shutdown (SD) bit (bit 6) enables or disables the
The TMP421/22 contain circuitry to assure that a low
temperature measurement circuitry. If SD = '0', the
byte register read command returns data from the
TMP421/22 converts continuously at the rate set in
same ADC conversion as the immediately preceding
the conversion rate register. When SD is set to '1',
high byte read command. This assurance remains
the TMP421/22 stops converting when the current
valid only until another register is read. For proper
conversion sequence is complete and enters a
operation, the high byte of a temperature register
shutdown mode. When SD is set to '0' again, the
should be read first. The low byte register should be
TMP421/22 resumes continuous conversions. When
read in the next read command. The low byte register
SD = '1', a single conversion can be started by writing
may be left unread if the LSBs are not needed.
to the One-Shot Register.
Alternatively, the temperature registers may be read
The temperature range is set by configuring bit 2 of
as a 16-bit register by using a single two-byte read
the Configuration Register. Setting this bit low
command from address 00h for the local channel
configures
the
TMP421/22
for
the
standard
result, or from address 01h for the remote channel
measurement range (–55
°C to +127°C); temperature
result (02h for the second remote channel result).
conversions will be stored in the standard binary
The high byte is output first, followed by the low byte.
format. Setting bit 2 high configures the TMP421/22
Both bytes of this read operation are from the same
for the extended measurement range (–55
°C to
ADC conversion. The power-on reset value of all
+150
°C); temperature conversions will be stored in
temperature registers is 00h.
the extended binary format (see Table 1).
Table 4. Status Register Format
STATUS REGISTER (Read = 08h, Write = NA)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
BUSY
0
0
0
0
0
0
0
POR VALUE
0(1)
0
0
0
0
0
0
0
(1)
FOR TMP421: The BUSY changes to '1' almost immediately (< 100
μs) following power-up, as the TMP421 begins the first temperature
conversion. It is high whenever the TMP421 converts a temperature reading.
FOR TMP422: The BUSY bit changes to '1' approximately 1ms following power-up. It is high whenever the TMP422 converts a
temperature reading.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422


Similar Part No. - TMP422AIDCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP422AIDCNR TI-TMP422AIDCNR Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422AIDCNR TI1-TMP422AIDCNR Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP422AIDCNRG4 TI-TMP422AIDCNRG4 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422AIDCNRG4 TI1-TMP422AIDCNRG4 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results

Similar Description - TMP422AIDCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com