Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEDR-8300-1 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDR-8300-1
Description  Reflective Surface Mount Optical Encoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDR-8300-1 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  AEDR-8300-1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEDR-8300-1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDR-8300-1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDR-8300-1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDR-8300-1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDR-8300-1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDR-8300-1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDR-8300-1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Pte. All rights reserved.
AV01-0178EN - June 16, 2006
Recommended Lead-free Reflow Soldering Temperature Profile
Preheat Temperature 40 °C to 125 °C = 120 sec max
Temperature maintain above 217 °C = 60 – 150 sec
Peak Temperature = 255 ± 5°C
Time above 250 °C = 10 – 20 sec
Note: Due to treatment of high temperature, AEDR-8300-1Wx compound may turn to yellow after IR reflow.
300
250
200
150
100
50
0
1
22
45
66
87
108
129
150
171
192
213
235
256
278
299
320
341
363
384
255 C
250 C
217 C
40 C
125 C
10 - 20 SEC.
120 SEC. MAX.
60 - 150 SEC.
TIME (SEC.)
HEAT UP
SOLDER PASTE DRY
SOLDER REFLOW
COOL DOWN
Resolution Indicator
Since the encoder is too small to imprint resolution
marking on its package, color-coding the package is
employed to differentiate resolutions.
Resolution (LPI)
212
Color
Light Amber
AEDR-8300 Option 1W
Shipping Units
0 – 1000 pcs
1 – 500 pcs
2 – 100 pcs
Note: Encoders are packed in tape of quantity 1000pcs, 500pcs or 100pcs.
Ordering Information


Similar Part No. - AEDR-8300-1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AEDR-8300-1K0 HP-AEDR-8300-1K0 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
AEDR-8300-1K1 HP-AEDR-8300-1K1 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
AEDR-8300-1K2 HP-AEDR-8300-1K2 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
AEDR-8300-1P0 HP-AEDR-8300-1P0 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
AEDR-8300-1P1 HP-AEDR-8300-1P1 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
More results

Similar Description - AEDR-8300-1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8000 AVAGO-AEDR-8000 Datasheet
138Kb / 10P
   Reflective Surface Mount Optical Encoder
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
AEDR-8300 HP-AEDR-8300 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
CUI INC
C14 CUI-C14_10 Datasheet
412Kb / 5P
   panel mount optical encoder
C14 CUI-C14 Datasheet
413Kb / 5P
   panel mount optical encoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com