Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-732BEHZ Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-732BEHZ
Description  Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-732BEHZ Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-732BEHZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Table 1. Transmitter Module Pad Description
Table 2. Receiver Module Pad Description
Symbol
Functional Description
VEE
Transmitter Signal Common. All voltages are referenced to this potential unless otherwise indicated. Directly
connect these pads to transmitter signal ground plane.
VCCT
Transmitter Power Supply. Use recommended power supply filter circuit in Figure 6.
DIN0+ through DIN11+
Transmitter Data In+ for channels 0 through 11, respectively. Differential termination and self bias are included,
see Figure 11.
DIN0– through DIN11–
Transmitter Data In- for channels 0 through 11, respectively. Differential termination and self bias are included;
see Figure 11.
TX_EN
TX Enable. Active high. Internal pull-up High = VCSEL array is enabled if TX_DIS is inactive (Low). Low =
VCSEL array is off. TX_EN must be taken to a logic low state level (VOL) for 1 ms or longer.
TX_DIS
TX Disable. Active high. Internal pull-down Low = VCSEL array is enabled if TX_EN is active (High). High =
VCSEL array is off. TX_DIS must be taken to a logic High state level (VOH) for 1 ms or longer.
RESET-
Transmitter RESET- input. Active low. Internal pull-up. Low = Resets logic functions, clears FAULT- signal,
VCSEL array is off. high = Normal operation. See Figure 14.
FAULT-
Transmitter FAULT- output. Active low. Low (logic "0") results from a VCSEL over-current condition, out of
temperature range, or EEPROM calibration data corruption condition detected for any VCSEL. An asserted (logic
"0") FAULT- disables the VCSEL array and is cleared by RESET- or power cycling VCCT FAULT- is a single ended
LVTTL compatible output.
DNC
Do not connect to any electrical potential.
Symbol
Functional Description
VEE
Receiver Signal Common. All voltages are referenced to this potential unless otherwise indicated. Directly
connect these pads to receiver signal ground plane.
VCCR
Receiver Power Supply. Use recommended power supply filter circuit in Figure 5.
VPP
Not required for Avago product. Pads not internally connected
DOUT0+ through DOUT11+
Receiver Data Out+ for channels 0 through 11, respectively. Terminate these high-speed differential CML outputs
with standard CML techniques at the inputs of the receiving device. Individual data outputs will be squelched for
insufficient input signal level.
DOUT0– through DOUT11–
Receiver Data Out- for channel 0 through 11, respectively. Terminate these high-speed differential CML outputs
with standard CML techniques at the inputs of the receiving device. Individual data outputs will be squelched for
insufficient input signal level.
SD
Signal Detect. Normal optical input levels to all channels results in a logic "1" output, VOH, asserted. Low input
optical levels to any channel results in a fault condition indicated by a logic "0" output, VOL, de-asserted. SD is a
single-ended LVTTL compatible output.
RX_EN
Receiver output enable. Active high (logic "1"), internal pull-up. Low (logic "0") = receiver outputs disabled, all
outputs are high (logic "1").
SQ_EN
Squelch enable input. Active high (logic "1"), internal pull-up. Low (logic "0") = squelch disabled. When SQ_EN
is high and SD is low, corresponding outputs are squelched.
EN_SD
Enable Signal Detect. Active high (logic "1"), internal pull-up. Low (logic "0") = Signal detect output forced
active high.
DNC
Do not connect to any electrical potential.


Similar Part No. - AFBR-732BEHZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-732BEHWZ BOARDCOM-AFBR-732BEHWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results

Similar Description - AFBR-732BEHZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
logo
Zarlink Semiconductor I...
ZL60113 ZARLINK-ZL60113 Datasheet
303Kb / 18P
   12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com