Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-732BEHZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-732BEHZ
Description  Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-732BEHZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-732BEHZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-732BEHZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Electromagnetic Interference (EMI)
Many equipment designs using these high-data-
rate modules will be required to meet the
requirements of the FCC in the United States,
CENELEC in Europe and VCCI in Japan. These
modules, with their shielded design, perform to
the levels detailed in the Regulatory Compliance
Table. The performance detailed in the
Regulatory Compliance Table is intended to
assist the equipment designer in the management
o f the overall equipment EMI performance.
However, system margins are dependent on the
customer board and chassis design.
Immunity
Equipment using these modules will be subject
to radio frequency electromagnetic fields in some
environments. These modules have good
immunity due to their shielded designs. See the
Regulatory Compliance Table for further detail.
Eye Safety
These 850 nm VCSEL-based modules provide eye
safety by design. The AFBR-732BZ has been
registered with CDRH and certified by TUV as a
Class 1M device under Amendment 2 of IEC
60825-1. See the Regulatory Compliance Table for
further detail. If Class 1M exposure is possible,
a safety-warning label should be placed on the
product stating the following:
LASER RADIATION
DO NOT VIEW DIRECTLY WITH OPTICAL
INSTRUMENTS
CLASS 1M LASER PRODUCT
Connector Cleaning
The optical connector used is the MTP® (MPO).
The optical ports have recessed optics that are
visible through the nose of the ports. The
provided port plug should be installed any time
a fiber cable is not connected. The port plug
ensures the optics remain clean and no cleaning
should be necessary. In the event the optics
become contaminated, forced nitrogen or clean
dry air at less than 20 psi is the recommended
cleaning agent. The optical port features,
including guide pins, preclude use of any solid
instrument. Liquids are not advised due to
potential damage.
Process Plug
Each parallel optics module is supplied with an
inserted process plug for protection of the
optical ports within the MTP® (MPO) connector
receptacle.
Handling Precautions
The AFBR-732BZ and AFBR-742BZ can be
damaged by current surges and overvoltage
conditions. Power supply transient precautions
should be taken.
Application of wave soldering, reflow soldering
and/or aqueous wash processes with the parallel
optic device on board is not recommended as
damage may occur.
Normal handling precautions for electrostatic
sensitive devices should be taken (see ESD
section).
The AFBR-732BZ is a Class 1M laser product.
DO NOT VIEW RADIATION DIRECTLY WITH
OPTICALINSTRUMENTS.


Similar Part No. - AFBR-732BEHZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-732BEHWZ BOARDCOM-AFBR-732BEHWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results

Similar Description - AFBR-732BEHZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
logo
Zarlink Semiconductor I...
ZL60113 ZARLINK-ZL60113 Datasheet
303Kb / 18P
   12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com