Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADJD-E622-QR999 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADJD-E622-QR999
Description  RGB Color Sensor in QFN Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADJD-E622-QR999 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADJD-E622-QR999 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADJD-E622-QR999 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADJD-E622-QR999 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADJD-E622-QR999 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADJD-E622-QR999 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADJD-E622-QR999 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADJD-E622-QR999 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADJD-E622-QR999 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADJD-E622-QR999 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Typical Characteristics
Figure 1. Spectral Responsivity
Note:
Test condition is when Gain Selection Jumpers are set to
GSBLUE2=1
GSGRN2=1
GSRED2=1
GSBLUE1=1
GSGRN1=1
GSRED1=1
GSBLUE0=1
GSGRN0=1
GSRED0=1
in which 0=connect to Ground, 1=no connection.
Refer to Gain Selection Feedback Resistor Table.
0
0.2
0.4
0.6
0.8
1
400
450
500
550
600
650
700
750
Wavelength (nm)
Gain Selection Feedback Resistor Table
GS: Bit 2 GS: Bit 1 Bit 0
Feedback Resistor, RF
00
0
1.9 M
00
1
2.5 M
01
0
3.2 M
01
1
4.1 M
10
0
5.3 M
10
1
7 M
11
0
9 M
11
1
11.7 M
Note:
1. Gains selections, GS: Bit 2 Bit 1 Bit 0 are applicable for each Red,
Green and Blue Channel.
2. Gain selections for each channel can be selected independently
of each other.
3. Feedback resistor value is proportional to responsivity. Refer to
block diagram below.
4. 0 indicates that the pin is connected to ground. 1 indicates no
connection.
Feedback
F
GS(2:1:0)
resistor R


Similar Part No. - ADJD-E622-QR999

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-J823 AVAGO-ADJD-J823 Datasheet
326Kb / 18P
   Color Management Controller with Integrated RGB Photosensor
ADJD-J883 AVAGO-ADJD-J883 Datasheet
341Kb / 18P
   Color Management Controller with Integrated RGB Photosensor
ADJD-MJ50 AVAGO-ADJD-MJ50 Datasheet
424Kb / 8P
   High Performance RGB LED Light Source
ADJD-MJ51 AVAGO-ADJD-MJ51 Datasheet
424Kb / 8P
   High Performance RGB LED Light Source
ADJD-MJ60 AVAGO-ADJD-MJ60 Datasheet
424Kb / 8P
   High Performance RGB LED Light Source
More results

Similar Description - ADJD-E622-QR999

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10170 HAMAMATSU-S10170 Datasheet
66Kb / 2P
   RGB color sensor integrated in small and thin package
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
S10917-35GT HAMAMATSU-S10917-35GT_15 Datasheet
265Kb / 4P
   RGB color sensor integrated in small and thin package
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
   RGB Color Sensor
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
   RGB Color Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
   RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
   RGB Color Sensor
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com