Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-MW00 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MW00
Description  1 W Power LED Light Source
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MW00 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-MW00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MW00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Package Dimensions
Notes
1. f
V is the total luminous flux output as measured with an integrating sphere at 25 ms mono pulse condition.
2. Flux tolerance is ± 10 %.
10.00
8.50
8.50
5.08
0.81
2.00
METAL SLUG
2
2
1
1
3
3
5.26
8.00
10.60
5.25
3.30
1.27
1.30
ANODE
ANODE
NOTES:
1. ALL DIMENSIONS IN MILLIMETERS.
2. TOLERANCE IS ± 0.1 mm UNLESS OTHERWISE SPECIFIED.
CATHODE
+
LED
ZENER
Color
Part Number
Luminous Flux, f
V
[1,2]
(lm)
Test Current
(mA)
Dice
Technology
Min.
Typ.
Max.
Green
ASMT-MG00
25.5
40.0
73.0
350
InGaN
Blue
ASMT-MB00
5.5
10.0
19.5
350
InGaN
Cool White
ASMT-MW00
43.0
60.0
73.0
350
InGaN
Warm White
ASMT-MY00
43.0
50.0
73.0
350
InGaN
Device Selection Guide at Junction Temperature Tj = 25°C


Similar Part No. - ASMT-MW00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MW00 AVAGO-ASMT-MW00 Datasheet
195Kb / 13P
   MoonstoneTM 1 W Power LED Light Source
More results

Similar Description - ASMT-MW00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MB00-NDF00 AVAGO-ASMT-MB00-NDF00 Datasheet
195Kb / 13P
   MoonstoneTM 1 W Power LED Light Source
ASMT-MX6X AVAGO-ASMT-MX6X Datasheet
662Kb / 11P
   MoonstoneTM 1/2W Power LED Light Source
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
324Kb / 10P
   Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
ASMT-MY22-NMP00 AVAGO-ASMT-MY22-NMP00 Datasheet
170Kb / 12P
   Moonstone 3 W High Brightness Power LED Light Source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX20 AVAGO-ASMT-MX20 Datasheet
173Kb / 7P
   3W Power LED Light Source
logo
Lite-On Technology Corp...
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
LTPL-P033WS57 LITEON-LTPL-P033WS57 Datasheet
201Kb / 14P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com