Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEDB-9340 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDB-9340
Description  1250/2500 CPR Commutation Encoder Modules with Codewheel
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDB-9340 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AEDB-9340 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
AEDB-9340 Technical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
-40
85
°C
Operating Temperature
TA
-10
85
°C
Supply Voltage
VCC
-0.5
7
Volts
Recommended Operating Conditions
Parameter
Min.
Typ.
Max.
Units
Notes
Temperature
-10
25
85
°C
Supply Voltage (Detector)
4.5
5.0
5.5
Volts
Ripple < 100 mVpp
Operating Frequency
1250 CPR
75
kHz
Velocity (rpm) x N/60
2500 CPR
150
kHz
Shaft Radial Play Plus Eccentricity
±0.025
mm TIR
Shaft Axial Play
±0.100
mm
Encoding Characteristics
Encoding Characteristics over the Recommended Operating Conditions and Mounting tolerances. These charac-
teristics include codewheel contribution. The typical values are average over the full rotation of the codewheel
tested at 25
°C, 500 RPM, 5V.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Pulse Width Error
D
P7
50
°e
Logic State Width Error
D
S5
50
°e
Phase Error
Df
225
°e
Cycle Error
D
C20
50
°e
Position Error
DQ
20
50
min. of arc
Index Pulse Width
1000/1024/1250 CPR
P0
90
150
360
°e
2000/2048/2500 CPR
P0
180
300
540
°e
Electrical Characteristics
Electrical Characteristics over Recommend Operating Range, Typical at 25
°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Supply Current
ICC
40
60
80
mA
High Level Output Voltage
VOH
2.4
V
Low Level Output Voltage
VOL
0.4
V
Rise Time
tr
200
ns
CL = 14 pF
Fall Time
tf
20
ns
Loading Capacitance
CLOAD
47
pF


Similar Part No. - AEDB-9340

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
More results

Similar Description - AEDB-9340

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
   COMMUTATION ENCODER
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com