Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-FW00-JM0XX Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-FW00-JM0XX
Description  5mm Flat Top InGaN White LED Lamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-FW00-JM0XX Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-FW00-JM0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-FW00-JM0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Precautions:
Lead Forming:
• The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering into PC board.
• If lead forming is required before soldering, care must
be taken to avoid any excessive mechanical stress
induced to LED package. Otherwise, cut the leads
of LED to length after soldering process at room
temperature. The solder joint formed will absorb the
mechanical stress of the lead cutting from traveling to
the LED chip die attach and wirebond.
• It is recommended that tooling made to precisely form
and cut the leads to length rather than rely upon hand
operation.
Soldering Condition:
• Care must be taken during PCB assembly and soldering
process to prevent damage to LED component.
• The closest LED is allowed to solder on board is
1.59mm below the body (encapsulant epoxy) for those
parts without standoff.
• Recommended soldering condition:
Wave
Soldering
Manual
Solder Dipping
Pre-heat temperature
105 °C Max.
-
Preheat time
30 sec Max
-
Peak temperature
50 °C Max.
60 °C Max.
Dwell time
3 sec Max.
5 sec Max
• Wave soldering parameter must be set and maintain
according to recommended temperature and dwell
time in the solder wave. Customer is advised to
periodically check on the soldering profile to ensure
the soldering profile used is always conforming to
recommended soldering condition.
• If necessary, use fixture to hold the LED component
in proper orientation with respect to the PCB during
soldering process.
• Proper handling is imperative to avoid excessive
thermal stresses to LED components when heated.
Therefore, the soldered PCB must be allowed to cool
to room temperature, 25ûC before handling.
• Special attention must be given to board fabrication,
solder masking, surface plating and lead holes size
and component orientation to assure solderability.
• Recommended PC board plated through holes
LED component
ead size
Diagonal
Plated through
hole diameter
0.457 x 0.457mm
(0.018 x 0.018inch)
0.646 mm
(0.05 inch)
0.976 to 1.078 mm
(0.038 to 0.04 inch)
0.508 x 0.508mm
(0.00 x 0.00inch)
0.718 mm
(0.08 inch)
1.049 to 1.150mm
(0.041 to 0.045 inch)
Note: Refer to application note AN1027 for more information on
soldering LED components.
Recommended Wave Soldering Profile
BOTTOM SIDE
OF PC BOARD
TOP SIDE OF
PC BOARD
NOTE: ALLOW FOR BOARDS TO BE
SUFFICIENTLY COOLED BEFORE
EXERTING MECHANICAL FORCE.
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150 C (100 C PCB)
SOLDER WAVE TEMPERATURE = 245 C
AIR KNIFE AIR TEMPERATURE = 390 C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
SOLDER: SN63; FLUX: RMA
250
200
150
FLUXING
TURBULENT WAVE
PREHEAT
TIME - SECONDS
100
50
30
0
10
20
30
40
50
60
70
80
90
100
LAMINAR WAVE
HOT AIR KNIFE


Similar Part No. - HLMP-FW00-JM0XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Similar Description - HLMP-FW00-JM0XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L543 BETLUX-BL-L543 Datasheet
240Kb / 4P
   5mm Cylindrical LED lamp, FLAT TOP
BL-L542 BETLUX-BL-L542 Datasheet
237Kb / 4P
   5mm Cylindrical LED lamp, FLAT TOP
logo
Marktech Corporate
MT4730NF-WT MARKTECH-MT4730NF-WT Datasheet
50Kb / 2P
   5mm Flat Top White Emitter
LC503NWH1-15H MARKTECH-LC503NWH1-15H Datasheet
246Kb / 3P
   5mm White InGaN/SiC Ultra Bright LED
LC512NWH1-25H MARKTECH-LC512NWH1-25H Datasheet
249Kb / 3P
   5mm InGaN/SiC White Ultra Bright LED
logo
OptoSupply Internationa...
OSW5DA57E1A OPTOSUPPLY-OSW5DA57E1A Datasheet
98Kb / 1P
   5mm Flat Pure White LED
OSM5DL57E1A OPTOSUPPLY-OSM5DL57E1A Datasheet
98Kb / 1P
   5mm Flat Warm White LED
OSM5DK57E1A OPTOSUPPLY-OSM5DK57E1A Datasheet
136Kb / 1P
   5mm Flat Warm White LED
OSM5DA57E1A OPTOSUPPLY-OSM5DA57E1A Datasheet
98Kb / 1P
   5mm Flat Warm White LED
OSW5DK57E1A OPTOSUPPLY-OSW5DK57E1A Datasheet
136Kb / 1P
   5mm Flat Pure White LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com