Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMC-A431-X90M1 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-A431-X90M1
Description  Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-A431-X90M1 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMC-A431-X90M1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMC-A431-X90M1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMC-A431-X90M1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMC-A431-X90M1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMC-A431-X90M1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-A431-X90M1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-A431-X90M1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-A431-X90M1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMC-A431-X90M1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Optical Characteristics (TA = 25 °C)
Notes:
1. The dominant wavelength, λD, is derived from the CIE Chromaticity Diagram and represents the color of the device.
2. θ½ is the off-axis angle where the luminous intensity is ½ the peak intensity.
3. Radiant intensity, Ie in watts / steradian, may be calculated from the equation Ie = IV / ηV, where IV is the luminous intensity
in candelas and ηV is the luminous efficacy in lumens / watt.
Color
Part Number
Dice
Technology
Peak
Wavelength
λPEAK (nm)
Dominant Wave-
length λD[1] (nm)
Viewing Angle
½[2]
(Degrees)
Luminous
Efficacy
ηV [3] (lm/W)
Typical
Typical
Typical
Typical
Red
HSMC-A43x
AlInGaP
635
626
30
150
Red
Orange
HSMJ-A43x
AlInGaP
621
615
30
240
HSMV-A430
AlInGaP
623
617
30
263
Orange
HSML-A431
AlInGaP
609
605
30
320
Amber
HSMA-A43x
AlInGaP
592
590
30
480
Green
HSMM-A430
InGaN
518
525
30
500
Blue
HSMN-A43X
InGaN
468
470
30
75
Electrical Characteristics (TA = 25 °C)
Part Number
Forward Voltage VF (Volts)@IF=50 mA
Reverse Voltage VR@100mA
Reverse Voltage VR@10mA
Typical
Maximum
Minimum
Minimum
HSMC/J/L/A
2.2
2.5
5
-
HSMV
2.8
3.4
5
-
Part Number
Forward Voltage VF (Volts)@IF=30 mA
Reverse Voltage VR@100mA
Reverse Voltage VR@10mA
Typical
Maximum
Minimum
Minimum
HSMM/N
3.9
4.6
-
5
Figure 1. Relative Intensity Vs. Wavelength
0
0.2
0.4
0.6
0.8
1
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
AlInGaP Red
AlInGaP Red Orange
AlInGaP Amber
InGaN
Blue
InGaN
Green
AlInGaP Orange


Similar Part No. - HSMC-A431-X90M1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A431-X90M1 AVAGO-HSMC-A431-X90M1 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A431-X90M1 BOARDCOM-HSMC-A431-X90M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
HSMC-A431-X90M1 BOARDCOM-HSMC-A431-X90M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSMC-A431-X90M1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com