Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7886-TR1 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7886-TR1
Description  TD-SCDMA Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7886-TR1 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7886-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Figure 6. TD-SCDMA frame.[1]
Solder Paste Recommendation
The ACPM-7886 package is a lead free package that
was proven to pass MSL3 when reflowed under lead
free solder reflow profile. The recommended lead free
solder for SMT reflow is Sn-Ag-Cu (95.5% Tin, 3.8%
Silver, 0.7% Copper) or other similar Sn-Ag-Cu solders.
This lead free solder paste has a melting point of 218°C
(423°F), the ternary eutectic of Sn-Ag-Cu system, giving
it the advantage of being the lowest melting lead free
alternative. This temperature is still low enough to
protect from damaging the internal circuitry during
solder reflow operations provided the exposure time
at peak reflow temperatures is not too excessive.
In certain situations, the designer may use leaded
solder paste for reflow. The recommended solder for
mounting ACPM-7886 package is Sn63 (63% Sn, 37%
Pb). It is a eutectic compound with a typical melting
point of 183°C.
Application Information
Introduction
The ACPM-7886 amplifier module is designed for TD-
SCDMA applications in the 2010-2025MHz band. This
power amplifier is able to produce excellent results for
the emerging Chinese standard, TD-SCDMA. Typical
ACLR performance at Vdd is 41dBc with Pout of 28dBm
and 41% efficiency.
Background
In 1999 the China Academy of Telecommunications
Technology (CATT) and Siemens proposed a new 3G
standard that would rival WCDMA and CDMA2000 data
rates. Time Domain Synchronous Code Domain Access
(TD-SCDMA) combines both CDMA and TDMA
technologies. It benefits from CDMA capacity as well
as being compatible with current GSM networks. But
unlike existing WCDMA, CDMA2000 and GSM
networks, this new standard transmits and receives on
the same frequency thus greatly increasing spectrum
efficiency. Figure 6 simplifies this explanation by
showing one TD-SCDMA frame with 7 slots and 16
channelization codes in each slot.
ACPM-7886 Test Setup
The test setup for measuring a TD-SCDMA power
module resembles a GSM test. Specifically, it is very
important to properly configure the timing for the test
instruments and the device under test. In GSM, in order
to turn ON and OFF each time slot, a controlled pin on
the PA is triggered with a pulse period of 4.615ms and
a 12% duty cycle (577uS). This pin is usually labeled
as Vapc on most GSM PAs.


Similar Part No. - ACPM-7886-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886-TR1 AVAGO-ACPM-7886-TR1 Datasheet
380Kb / 14P
   TD-SCDMA Power Amplifier
More results

Similar Description - ACPM-7886-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886 AVAGO-ACPM-7886_09 Datasheet
380Kb / 14P
   TD-SCDMA Power Amplifier
logo
Skyworks Solutions Inc.
SKY77712 SKYWORKS-SKY77712 Datasheet
75Kb / 2P
   Power Amplifier Module for TD-SCDMA
logo
Fujitsu Component Limit...
FAR-F6KA-2G0175-D4DR FUJITSU-FAR-F6KA-2G0175-D4DR Datasheet
201Kb / 5P
   TD-SCDMA
logo
ANADIGICS, Inc
AWT6244 ANADIGICS-AWT6244 Datasheet
2Mb / 11P
   HELP3 TD-SCDMA Linear Power Amplifier Module
logo
RF Micro Devices
RF9812 RFMD-RF9812 Datasheet
181Kb / 2P
   TD-SCDMA Compliant
logo
ANADIGICS, Inc
AWT6241 ANADIGICS-AWT6241 Datasheet
2Mb / 12P
   HELP3TM UMTS/TD-SCDMA Linear Power Amplifier Module
logo
Keysight Technologies
M9079A KEYSIGHT-M9079A Datasheet
3Mb / 9P
   M9079A TD-SCDMA
logo
Agilent(Hewlett-Packard...
E6835A HP-E6835A Datasheet
224Kb / 4P
   TD-SCDMA Calibration Application
logo
EPCOS
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
   SAW filter TD-SCDMA
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
   SAW IF filter TD-SCDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com