Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMF-C162 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-C162
Description  Miniature Bi-Color Surface Mount ChipLEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-C162 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMF-C162 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMF-C162 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMF-C162 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMF-C162 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-C162 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-C162 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-C162 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMF-C162 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMF-C162 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Electrical Characteristics at TA = 25˚C
Reverse
Breakdown
Capacitance
Thermal
Forward Voltage
VR (Volts)
C (pF), @ VF = 0,
Resistance
VF (Volts) @ IF[1]
@ IR = 100 µA
f = 1 MHz
J-PIN (˚C/W)
Color
Typ.
Max.
Min.
Typ.
Typ.
AlInGaP Red
20 mA
1.9
2.4
5
15
300
AlInGaP Amber
20 mA
1.9
2.4
5
11
300
AlInGaP Red[2]
10 mA
1.8
2.3
5
15
300
AlInGaP Amber[2]
10 mA
1.8
2.3
5
11
300
InGaN Green
10 mA
3.4
3.8
5
35
500
InGaN Blue
10 mA
3.4
3.8
5
35
500
HER
20 mA
2.1
2.6
5
5
325
GaP Orange
20 mA
2.2
2.6
5
7
325
GaP Yellow
20 mA
2.1
2.6
5
6
325
GaP Green
20 mA
2.2
2.6
5
9
325
Optical Characteristics at TA = 25˚C
Color
Peak
Dominant
Luminous
Luminous Intensity
Wavelength
Wavelength
Viewing Angle
Efficacy
Iv (mcd) @ IF[1]
λpeak (nm)
λd[2] (nm)
2 θ1/2 Degrees[3]
ηv (lm/W)
Color
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
AlInGaP Red
20 mA
28.5
90
637
626
120
155
AlInGaP Amber
20 mA
28.5
90
595
592
120
480
AlInGaP Red[4]
10 mA
11.2
35
637
626
120
155
AlInGaP Amber[4]
10 mA
11.2
35
595
592
120
480
InGaN Green
10 mA
18
45
523
525
120
500
InGaN Blue
10 mA
2.8
10
468
470
120
80
HER
20 mA
2.8
10
636
621
120
145
GaP Orange
20 mA
2.8
8
605
604
120
380
GaP Yellow
20 mA
2.8
8
589
586
120
500
GaP Green
20 mA
4.5
15
570
572
120
595
Notes:
1. VF Tolerance: ± 0.1 V.
2. The product testing is based on 20 mA. This is for reference only.
Notes:
1. The luminous intensity Iv is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the
lamp package.
2. The dominant wavelength λd is derived from the CIE Chromatically Diagram and represents the perceived color of the device.
3. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
4. The product testing is based on 20 mA. This is for reference purpose.


Similar Part No. - HSMF-C162

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMF-C165 HP-HSMF-C165 Datasheet
200Kb / 8P
   Miniature Bi-Color Surface Mount Chip LEDs
HSMF-C166 HP-HSMF-C166 Datasheet
200Kb / 8P
   Miniature Bi-Color Surface Mount Chip LEDs
HSMF-C167 HP-HSMF-C167 Datasheet
200Kb / 8P
   Miniature Bi-Color Surface Mount Chip LEDs
More results

Similar Description - HSMF-C162

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMF-C165 HP-HSMF-C165 Datasheet
200Kb / 8P
   Miniature Bi-Color Surface Mount Chip LEDs
logo
Broadcom Corporation.
HSMA-C130 BOARDCOM-HSMA-C130 Datasheet
1Mb / 9P
   Surface Mount ChipLEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMB-C1XX AVAGO-HSMB-C1XX Datasheet
203Kb / 9P
   Surface Mount ChipLEDs
HSMC-C130 AVAGO-HSMC-C130 Datasheet
172Kb / 8P
   Surface Mount ChipLEDs
HSMF-C114 AVAGO-HSMF-C114 Datasheet
87Kb / 8P
   Surface Mount Tricolor ChipLEDs
HSMF-C150 AVAGO-HSMF-C150 Datasheet
403Kb / 7P
   Bi Color Surface Mount ChipLED
logo
Dialight Corporation
597-77X1-2XX DIALIGHT-597-77X1-2XX Datasheet
37Kb / 2P
   Surface Mount LED Bi-Color
597-77X1-1XX DIALIGHT-597-77X1-1XX Datasheet
21Kb / 1P
   Surface Mount LED Bi-Color
597-77X1-5XX DIALIGHT-597-77X1-5XX Datasheet
25Kb / 1P
   Surface Mount LED Bi-Color
597-7701-107F DIALIGHT-597-7701-107F Datasheet
24Kb / 1P
   Surface Mount LED Bi-Color
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com