Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-4515Z Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-4515Z
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-4515Z Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-4515Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-4515Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-4515Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-4515Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-4515Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-4515Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-4515Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-4515Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-4515Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Plastic Optical Fiber Connector Mechanical/Optical Characteristics
TA = -40 to +85°C, Unless Otherwise Specified.
Parameter
Part Number
Symbol
Min.
Typ.[1]
Max.
Units
Temp.
°C
Note
Retention Force,
Simplex,
FR-C
78
N
+25
2
Connector to
HFBR-4501Z/4511Z
3
-40 to +85
Simplex Latching,
47
80
+25
HFBR-4503Z/4513Z
11
-40 to +85
Duplex,
7
12
+25
HFBR-4506Z
4
-40 to +85
Duplex Latching,
50
80
+25
HFBR-4516Z
15
-40 to +85
Tensile Force,
Simplex,
FT
8.5
22
N
3
Connector to Cable
HFBR-4501Z/4511Z
Simplex Latching,
8.5
22
HFBR-4503Z/4513Z
Duplex, HFBR-4506Z
14
35
Duplex Latching,
14
35
HFBR-4516Z
Adapter Connector
HFBR-4505Z/4515Z with
α
CC
0.7
1.5
2.8
dB
25
4, 5
to Connector Loss
HFBR-4501Z/4511Z
Retention Force
HFBR-4505Z/4515Z with
FR-B
78
N
Connector to Adapter
HFBR-4501Z/4511Z
Insertion Force,
Simplex,
FI
830
N
6
HFBR-4501Z/4511Z
Simplex Latching,
16
35
HFBR-4503Z/4513Z
Duplex, HFBR-4506Z
13
46
Duplex Latching
22
51
HFBR-4516Z
Notes:
1. Typical data are at +25
°C.
2. No perceivable reduction in retention force was observed after 2000 insertions. Retention force of non-latching connectors is lower at elevated
temperatures. Latching connectors are recommended for applications where a high retention force at high temperatures is desired.
3. For applications where frequent temperature cycling over temperature extremes is expected, please contact Avago Technologies for alternate
connectoring techniques.
4. Minimum and maximum limit for
α
CC for 0°C to +70°C temperature range. Typical value of αCC is at +25°C.
5. Factory polish or field polish per recommended procedure.
6. Destructive insertion force was typically at 178 N (40 lb.).
Versatile Link
Transmitters and
Receivers
Connector to Versatile
Link Transmitters and
Receivers
Plastic Optical Fiber Connector Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Storage and Operating Temperature
TS,O
-40
85
°C1
Recommended Operating Temperature
TO
-40
85
°C1
Installation Temperature
Tl
070
°C1
Nut Torque
TN
0.7
N-m
2
100
OzF-in.
Notes:
1. Storage and Operating Temperatures refer to the ranges over which the connectors can be used when not subjected to mechanical stress.
Installation Temperature refers to the ranges over which connectors may be installed onto the fiber and over which connectors can be connected
and disconnected from transmitter and receiver modules.
2. Recommended nut torque is 0.57 N-m.
HFBR-4505Z/4515Z Adapter


Similar Part No. - HFBR-4515Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4515Z AVAGO-HFBR-4515Z Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Broadcom Corporation.
HFBR-4515Z BOARDCOM-HFBR-4515Z Datasheet
332Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
More results

Similar Description - HFBR-4515Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4501 AVAGO-HFBR-4501 Datasheet
229Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Agilent(Hewlett-Packard...
HFBR-45XX HP-HFBR-45XX Datasheet
267Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RUD500 AVAGO-HFBR-RUD500 Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-EUS100Z AVAGO-HFBR-EUS100Z Datasheet
233Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Agilent(Hewlett-Packard...
HFBR-RXXYYY HP-HFBR-RXXYYY Datasheet
272Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RUS100Z AVAGO-HFBR-RUS100Z Datasheet
137Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4521Z AVAGO-HFBR-4521Z Datasheet
229Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
AV02-1848EN AVAGO-AV02-1848EN Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Broadcom Corporation.
HFBR-RXXYYYZ BOARDCOM-HFBR-RXXYYYZ Datasheet
332Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RXXYYY AVAGO-HFBR-RXXYYY Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link Telecommunications switching systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com