Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-5978Z Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5978Z
Description  Digital Diagnostic 650nm Transceiver for Fast Ethernet (10/100 Mbps) with SC-RJ connector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5978Z Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-5978Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Pin Descriptions
Pin 1 Sda: the data line of the two wire serial interface.
This data line should be pulled up with a 4.7k–10k
resistor on the host board to a supply of 3.3V ±10%.
Pin 2 Rx GND: receiver ground pin. Directly connect
this pin to the receiver ground plane of the host board.
Pin 3 Rx Vcc: receiver power supply pin. Provide +3.3 V
DC via a receiver power supply filter circuit. Locate the
power supply filter circuit as close as possible to the
Vcc Rx pin.
Pin 4 Sd: signal detect pin. If an optical signal is present
at the input of the receiver, Sd output is a logic “1”.
Absence of an optical signal to the receiver results in a
logic “0” output. This signal detect output can be used
to drive a LVPECL input on an upstream circuit, such
as Signal Detect input or Loss of Signal–bar. Proper
LVPECL termination should be in place. See figure 4.
Pin 5 Rdata-: receiver data out bar. This data line is a
3.3V LVPECL compatible differential line which should
be properly terminated with a 130
Ω pull up to Vcc
and 82
Ω pull down to ground.
Pin 6 Rdata+: receiver data out. This data line is a 3.3V
LVPECL compatible differential line which should be
properly terminated with a 130
Ω pull up to Vcc and
82
Ω pull down to ground.
Figure 3. Pin Out diagram
Pin 7 Tx Vcc: transmitter power supply. Provide +3.3V
DC via a transmitter power supply filter circuit. Locate
the power supply filter circuit as close as possible to
the Vcc Tx pin.
Pin 8 Tx GND: transmitter ground. Directly connect this
pin to the transmitter ground plane on the host board.
Pin 9 Txdis: transmitter disable input. This input is used
to shut down the transmitter light output. It is internally
pulled up with a ~8 k
Ω resistor.
Low (0-0.8 V) - transmitter on
Between (0.8-2.0 V) - undefined
High (2.0-3.63 V) – transmitter off
Open – transmitter off
Pin 10 Tdata+: transmitter data in. This data line is an
AC coupled 100
Ω differential line which does not need
any termination at the user SERDES. The AC coupling
is done inside the module and therefore not required
on the host board.
Pin 11 Tdata-: transmitter data in bar. This data line is
an AC coupled 100
Ω differential line which does not
need any termination at the user SERDES. The AC
coupling is done inside the module and therefore not
required on the host board.
Pin 12 Scl: the clock line of the two wire serial interface.
This data line should be pulled up with a 4.7k – 10 k
resistor on the host board to a supply of 3.3V ±10%.
Sda
RxGND
RxVcc
Sd
Rdata-
Rdata+
Scl
Tdata-
Tdata+
Txdis
TxGND
TxVcc
bottom view
SC-RJ connector


Similar Part No. - AFBR-5978Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5978Z AVAGO-AFBR-5978Z Datasheet
352Kb / 14P
   Digital Diagnostic 650nm Transceiver for Fast Ethernet (10/100 Mbps) with SC-RJ connector
logo
Broadcom Corporation.
AFBR-5978Z BOARDCOM-AFBR-5978Z Datasheet
352Kb / 14P
   Digital Diagnostic 650nm Transceiver for Fast Ethernet(10/100 Mbps) with SC-RJ connector
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5978Z AVAGO-AFBR-5978Z_13 Datasheet
352Kb / 14P
   Digital Diagnostic 650nm Transceiver for Fast Ethernet (10/100 Mbps) with SC-RJ connector
More results

Similar Description - AFBR-5978Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5978Z AVAGO-AFBR-5978Z_13 Datasheet
352Kb / 14P
   Digital Diagnostic 650nm Transceiver for Fast Ethernet (10/100 Mbps) with SC-RJ connector
logo
Broadcom Corporation.
AFBR-5978Z BOARDCOM-AFBR-5978Z Datasheet
352Kb / 14P
   Digital Diagnostic 650nm Transceiver for Fast Ethernet(10/100 Mbps) with SC-RJ connector
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com