Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMA-A430-W90M1 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMA-A430-W90M1
Description  Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMA-A430-W90M1 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMA-A430-W90M1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMA-A430-W90M1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMA-A430-W90M1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMA-A430-W90M1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMA-A430-W90M1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMA-A430-W90M1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMA-A430-W90M1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMA-A430-W90M1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMA-A430-W90M1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Figure 2. Forward Current Vs. Forward Voltage
Figure 3a. Relative Intensity Vs. Forward Current (AlInGaP).
Figure 3b. Relative Intensity Vs. Forward Current (InGaN).
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
FORWARD VOLTAGE - V
HSMC/J/L/A
HSMV
HSMM/N
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75
DC FORWARD CURRENT - mA
0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
30
35
DC FORWARD CURRENT - mA
Figure 4a. Maximum Forward Current Vs. Ambient Temperature.
Derated Based on TJmax= 110°C (AlInGaP)
Figure 4b. Maximum Forward Current Vs. Ambient Temperature.
Derated Based on TJmax= 110°C (InGaN)


Similar Part No. - HSMA-A430-W90M1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A430-W90M1 AVAGO-HSMA-A430-W90M1 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMA-A430-W90M1 BOARDCOM-HSMA-A430-W90M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
HSMA-A430-W90M1 BOARDCOM-HSMA-A430-W90M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSMA-A430-W90M1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com