Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEDS-9641110 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDS-9641110
Description  Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDS-9641110 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AEDS-9641110 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEDS-9641110 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDS-9641110 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDS-9641110 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDS-9641110 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDS-9641110 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDS-9641110 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDS-9641110 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEDS-9641110 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Note: Refer to Figure 2 for output waveform on tr and tf
Electrical Characteristics
Electrical Characteristics over Recommend Operating Range, typical at 25°C
Parameter
Symbol Min.
Typ.@
3.3V
Max.
Units
Notes
Supply Current (Detector)
ICC
1.5
3.0
8
mA
High Level Output Voltage
Option P - 150 LPI
Option 1 & 2 - 300 & 360 LPI
VOH
2.4
2.4
3.3
3.3
5.2
5.2
V
V
Typ. IOH = -0.7 mA @ 3.3 V
Typ. IOH = -0.4 mA @ 3.3 V
Low Level Output Voltage
Option P - 150 LPI
Option 1 & 2 - 300 & 360 LPI
VOL
0.4
0.4
V
V
Typ. IOH = 8mA @ 3.3V
Typ. IOH = 13mA @ 3.3V
Rise Time
tr
200
ns
CL = 25 pF
RL = 11 k
Fall Time
tf
50
ns
LED Forward Voltage
VF
1.3
(turn on)
1.6
1.8
V
Typical IF = 16mA
Encoding Characteristics
Encoding Characteristics over the Recommended
Operating Conditions and Mounting Conditions. These
characteristics do not include codewheel/codestrip
contribution.
1. The typical values are average over the full rotation
of the codewheel at Nominal Mouting Position and
Typical Operating Conditions.
2. For a codestrip, the Typical Values are obtained at
zero angular displacement and Typical Operating
Conditions.
3. Maximums are the worst case values predicted
over the full range of Recommended Mounting
Tolerances and Operating Conditions, with
consideration to population shift.
Parameter
Symbol Typ.
Max. Units
Pulse Width Error
∆P7
40
e
Logic State Width Error
∆S5
40
e
Phase Error
∆Φ
220
e


Similar Part No. - AEDS-9641110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
More results

Similar Description - AEDS-9641110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-974X HP-HEDS-974X Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-965X AVAGO-AEDS-965X Datasheet
157Kb / 8P
   Small Optical Encoder Modules 150 and 180 LPI Digital Output
HEDS-974X AVAGO-HEDS-974X Datasheet
363Kb / 6P
   For 180, 300, 360 LPI Small Optical Encoder Modules
logo
Agilent(Hewlett-Packard...
AEDS-962 HP-AEDS-962 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
HEDS-974 HP-HEDS-974 Datasheet
224Kb / 7P
   Agilent HEDS-974x Series for 180, 300, 360 LPI Small Optical Encoder Modules
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com