Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-4250 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-4250
Description  High-Performance T-1(5mm) AlGaAs Infrared (870nm) Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-4250 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-4250 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-4250 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-4250 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-4250 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number
Lead Form
Shipping Option
HSDL-4250
Straight
Bulk
HSDL-4251
Straight
Bulk
5.8 ± 0.2
5.0 ± 0.2
0.7 max.
2.54
0.50 ± 0.1
CATHODE
FLAT
Features
••••• High Power AlGaAs LED Technology
••••• 870nm Wavelength
••••• T-1¾ Package
••••• Low Cost
••••• Low Forward Voltage: 1.4V at 20mA
••••• High Speed: 40ns Rise Time
Applications
••••• Industrial Infrared Equipments and applications
••••• Portable Infrared Instruments
••••• Consumer Electronics
(Optical mouse, Infrared Remote Controllers etc)
••••• High Speed Infrared Communications
(IR LANs, IR Modems, IR Dongles etc)
Description
The HSDL-4250 and HSDL-4251 High
Performance Infrared emitters were designed
for applications that require high power, low
forward voltage and high speed. It utilizes
Aluminum Galium Arsenide (AlGaAs) LED
technology and is optimized for speed and
efficiency at emission wavelengths of 870nm.
The material used produces high radiant
efficiency over a wide range of currents. The
emitter is packaged in clear T-1¾ (5mm)
package.
HSDL-4250 and HSDL-4251
High-Performance T-1 ¾ (5mm) AlGaAs Infrared (870nm) Lamp
Datasheet


Similar Part No. - HSDL-4250

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4250 LITEON-HSDL-4250 Datasheet
190Kb / 4P
   High-Performance T-1 쩐 (5mm) AlGaAs Infrared (870nm) Lamp
HSDL-4250 LITEON-HSDL-4250 Datasheet
190Kb / 4P
   High-Performance T-1 3/4 (5mm) AlGaAs Infrared (870nm) Lamp
More results

Similar Description - HSDL-4250

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4250 LITEON-HSDL-4250 Datasheet
190Kb / 4P
   High-Performance T-1 쩐 (5mm) AlGaAs Infrared (870nm) Lamp
HSDL-4251 LITEON-HSDL-4251 Datasheet
190Kb / 4P
   High-Performance T-1 3/4 (5mm) AlGaAs Infrared (870nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4261 AVAGO-HSDL-4261 Datasheet
235Kb / 4P
   High-Power T-1쩐 (5mm) AlGaAs Infrared (870nm) Lamp
ASDL-4263 AVAGO-ASDL-4263 Datasheet
131Kb / 4P
   High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
ASDL-4264 AVAGO-ASDL-4264 Datasheet
135Kb / 4P
   High Efficiency T-1 쩐 (5mm) Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4271 LITEON-HSDL-4271 Datasheet
94Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4271 AVAGO-HSDL-4271 Datasheet
84Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4270 LITEON-HSDL-4270 Datasheet
140Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4270 AVAGO-HSDL-4270 Datasheet
130Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
ASDL-4671 AVAGO-ASDL-4671 Datasheet
181Kb / 4P
   High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com