Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-4270 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-4270
Description  High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-4270 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-4270 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-4270 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-4270 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-4270 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Reference
Operating Temperature
TO
-40
85
°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Reference
Forward Voltage
VF
-1.3
1.5
1.4
1.7
VIFDC=20mA
IFDC=100mA
Figure 2
Figure 3
Forward Voltage
Temperature Coefficient
∆V/∆T
--1.4
-
mV/°C
IFDC=100mA
Figure 4
Series Resistance
RS
-3.0
-
Ohms
IFDC=100mA
Diode Capacitance
CO
-27
-
pF
Vbias=0V,
f=1MHz
Thermal Resistance,
Junction to Ambient
R
θ
ja
-
300
-
°C/W
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Reference
Radiant On-Axis Intensity
IE
76
100
-
mW/Sr
IFDC=100mA
Figure 5
Radiant On-Axis Intensity
Temperature Coefficient
∆I
E/
∆T
-
-0.48
-
%/°C
IFDC=100mA
Viewing Angle
2
θ
1/2
-15
-
°
Figure 7
Peak Wavelength
λ
pk
-
940
-
nm
Figure 1
Peak wavelength
Temperature Coefficient
∆λ/∆T
-0.26
-
nm/°C
IFDC=100mA
Spectral Width
∆λ
45
-
nm
IFDC=20mA
Figure 1
Optical Rise and Fall Time
tr/tf
1.3
-
µs
IFDC=100mA
Duty Ratio = 50%
Pulse Width=10
µs
Parameter
Symbol
Minimum
Maximum
Unit
Reference
Peak Forward Current
IFPK
-
500
mA
Figure 3
Duty cycle = 20%
Pulse Width = 100us
Forward Current
IFDC
-100
mA
[1]
Power Dissipation
PDISS
-170
mW
Reverse Voltage
VR
5-
V
IR=100uA
Storage Temperature
TS
-40
100
°C
LED Junction Temperature
TJ
110
°C
Lead Soldering Temperature
260 for 5 sec
°C
Notes:
1. Derate as shown in Figure 6.
Absolute Maximum Ratings at 25
°°°°°C
Electrical Characteristics at 25
°°°°°C
Optical Characteristics at 25
°°°°°C


Similar Part No. - HSDL-4270

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4270 LITEON-HSDL-4270 Datasheet
140Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
More results

Similar Description - HSDL-4270

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4271 LITEON-HSDL-4271 Datasheet
94Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4271 AVAGO-HSDL-4271 Datasheet
84Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4270 LITEON-HSDL-4270 Datasheet
140Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4262 AVAGO-ASDL-4262 Datasheet
185Kb / 4P
   High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
HSDL-4261 AVAGO-HSDL-4261 Datasheet
235Kb / 4P
   High-Power T-1쩐 (5mm) AlGaAs Infrared (870nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4260 LITEON-HSDL-4260 Datasheet
138Kb / 4P
   High-Power T-1쩐 (5mm) AlGaAs Infrared (875nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4260 AVAGO-HSDL-4260 Datasheet
128Kb / 4P
   High-Power T-1쩐 (5mm) AlGaAs Infrared (875nm) Lamp
ASDL-4671 AVAGO-ASDL-4671 Datasheet
181Kb / 4P
   High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4670 AVAGO-ASDL-4670 Datasheet
178Kb / 4P
   High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4770 AVAGO-ASDL-4770 Datasheet
182Kb / 4P
   High Performance Side look AlGaAs/GaAs Infrared (940nm) Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com