Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTL-2021-PLC Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCTL-2021-PLC
Description  Quadrature Decoder/Counter Interface ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCTL-2021-PLC Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCTL-2021-PLC Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCTL-2021-PLC Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCTL-2021-PLC Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCTL-2021-PLC Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCTL-2021-PLC Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCTL-2021-PLC Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCTL-2021-PLC Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCTL-2021-PLC Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCTL-2021-PLC Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Position Data Latch
The position data latch is a 16-bit latch which captures
the position counter output data on each rising clock
edge, except when its inputs are disabled by the inhibit
logic section during two-byte read operations. The
output data is passed to the bus interface section.
When active, a signal from the inhibit logic section
prevents new data from being captured by the latch,
keeping the data stable while successive reads are
made through the bus section. The latch is
automatically re-enabled at the end of these reads. The
latch is cleared to 0 asynchronously by the RST signal.
Inhibit Logic
The Inhibit Logic Section samples the OE and SEL
signals on the falling edge of the clock and, in response
to certain conditions (see Figure 10), inhibits the
position data latch. The RST signal asynchronously
clears the inhibit logic, enabling the latch.
Bus Interface
The bus interface section consists of a 16 to 8 line
multiplexer and an 8-bit, three-state output buffer. The
multiplexer allows independent access to the low and
high bytes of the position data latch. The SEL and OE
signals determine which byte is output and whether
or not the output bus is in the high-Z state.
Figure 10. Two Bytes Read Sequence
Figure 11. Simplified Inhibit Logic
Step
SEL
OE
CLK
Inhibit Signal
Action
1
L
L
Falling
1
Set inhibit; read high byte
2
H
L
Falling
1
Read low byte; starts reset
3
X
H
Falling
0
Complete inhibit logic reset
Quadrature Decoder Output
The quadrature decoder output section consists of
count and up/down outputs derived from the 4x
decoder mode of the HCTL-2021-A00/PLC. When the
decoder has detected a count, a pulse, one-half clock
cycle long, will be output on the CNTDCDR pin. This
output will occur during the clock cycle in which the
internal counter is updated. The U/D pin will be set to
the proper voltage level one clock cycle before the
rising edge of the CNTDCDR pulse, and held one clock
cycle after the rising edge of the CNTDCDR pulse. These
outputs are not affected by the inhibit logic.
Cascade Output (HCTL-2021-A00/PLC only!)
The cascade output also consists of count and up/down
outputs. When the HCTL-2021-A00/PLC internal
counter overflows or underflows, a pulse, one-half clock
cycle long, will be output on the CNTCAS pin. This
output will occur during the clock cycle in which the
internal counter is updated. The U/D pin will be set to
the proper voltage level one clock cycle before the
rising edge of the CNTCAS pulse, and held one clock
cycle after the rising edge of the CNTCAS pulse. These
outputs are not affected by the inhibit logic.


Similar Part No. - HCTL-2021-PLC

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2021 AVAGO-HCTL-2021 Datasheet
174Kb / 12P
   Quadrature Decoder/Counter Interface ICs
More results

Similar Description - HCTL-2021-PLC

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2032 AVAGO-HCTL-2032 Datasheet
387Kb / 21P
   Quadrature Decoder/ Counter Interface ICs
logo
Agilent(Hewlett-Packard...
HCTL-2000 HP-HCTL-2000 Datasheet
319Kb / 18P
   Quadrature Decoder/Counter Interface ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2001 AVAGO-HCTL-2001 Datasheet
183Kb / 12P
   Quadrature Decoder/Counter Interface ICs
HCTL-2017 AVAGO-HCTL-2017 Datasheet
174Kb / 12P
   Quadrature Decoder/Counter Interface ICs
HCTL-2000 AVAGO-HCTL-2000_06 Datasheet
185Kb / 19P
   Quadrature Decoder/Counter Interface ICs
logo
Agilent(Hewlett-Packard...
HCTL-2032 HP-HCTL-2032 Datasheet
291Kb / 20P
   Quadrature Decoder/Counter Interface ICs
HCTL2000 HP-HCTL2000 Datasheet
335Kb / 19P
   Quadrature Decoder/Counter Interface ICs
HCTL-2016 HP-HCTL-2016 Datasheet
217Kb / 2P
   Surface Mount Quadrature Decoder/Counter Interface ICs
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7366 LSI-LS7366 Datasheet
83Kb / 10P
   32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com