Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMC-QAB2-TAC0E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMC-QAB2-TAC0E
Description  Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMC-QAB2-TAC0E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  ASMC-QAB2-TAC0E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMC-QAB2-TAC0E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMC-QAB2-TAC0E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMC-QAB2-TAC0E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMC-QAB2-TAC0E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMC-QAB2-TAC0E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMC-QAB2-TAC0E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMC-QAB2-TAC0E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMC-QAB2-TAC0E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Figure 10. Recommended Pick and Place Nozzle Size
Figure 11. Recommended Pb-free Reflow Soldering Profile
Note: For detail information on reflow soldering of Avago surface mount
LEDs, do refer to Avago Application Note AN 1060 Surface Mounting
SMT LED Indicator Components
Figure 12. Recommended Soldering Pad Pattern
²
Note: Diameter "D" should be smaller than 2.2mm
D


Similar Part No. - ASMC-QAB2-TAC0E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ASMC-PAB9-TV005 HP-ASMC-PAB9-TV005 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PAB9-TV005 AVAGO-ASMC-PAB9-TV005 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PAB9-TV005 BOARDCOM-ASMC-PAB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
Agilent(Hewlett-Packard...
ASMC-PAB9-TV0A5 HP-ASMC-PAB9-TV0A5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
ASMC-PAB9-TV0B5 HP-ASMC-PAB9-TV0B5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
More results

Similar Description - ASMC-QAB2-TAC0E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
ASMC-PXB9 HP-ASMC-PXB9 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com