Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APDS-9002-021 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9002-021
Description  Miniature Surface-Mount Ambient Light Photo Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9002-021 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS-9002-021 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9002-021 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9002-021 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9002-021 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9002-021 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9002-021 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9002-021 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9002-021 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED APDS-9002-021 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
APDS-9002 Package Outline
1.40
1.25
P2
P4
P3
P1
2.00
0.45
0.35
R0.20
0.45
0.45
0.20
0.14
PIN 1: IOUT
PIN 2: VCC
PIN 3: VCC
PIN 4: NC (NO CONNECT)
UNITS: in mm
TOLERANCE:
±0.2 mm
0.80
0.30
P.C. BOARD
MOLDING BODY (LENS)


Similar Part No. - APDS-9002-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
APDS-9002-021 HP-APDS-9002-021 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002-021 AVAGO-APDS-9002-021 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results

Similar Description - APDS-9002-021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9009 AVAGO-APDS-9009 Datasheet
696Kb / 10P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com