Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6220-BLK Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6220-BLK
Description  6-20 GHz Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6220-BLK Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6220-BLK Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Attention: Observe precautions for handling electrostatic sensitive devices.
ESD Machine Model (Class 1A)
ESD Human Body Model (Class 0)
Refer to Avago Application Note A004R: Electrostatic Discharge Damage and Control.
Features
• 5x5 mm surface mount package
• Broad Band performance 6-20 GHz
• Low 2.5 dB typical noise figure
• High 22 dB typical gain
• 50 W input and output match
• Single 3 V (55 mA) supply bias
Applications
• Microwave radio systems
• Satellite VSAT, DBS up/down link
• LMDS & Pt-Pt mmW Long Haul
• Broadband Wireless Access (including 802.16 and
802.20 WiMax)
• WLL and MMDS loops
• Commercial grade military
Description
Avago’s AMMP-6220 is a high gain, low-noise ampli-
fier that operates from 6 GHz to 20 GHz. The LNA is
designed to be a easy-to-use component for any surface
mount PCB application. The broad and uncondition-
ally stable performance makes this LNA ideal for pri-
mary, sub-sequential or driver low noise gain stages.
Intended applications include microwave radios,
802.16, automotive radar, VSAT, and satellite receivers.
Since one part can cover several bands, the AMMP-6220
can reduce part inventory and increase volume purchase
options.TheLNAhasintegrated50WI/Omatch,DCblock-
ing, self-bias and choke to eliminate complex tuning and
assemblyprocessestypicallyrequiredbyhybrid(discrete-
FET) amplifiers. The package is full SMT compatible with
backside grounding and I/O to simplify assembly.
Functional Diagram
8
4
1
2
3
7
6
5
100 pF
100 pF
PACKAGE
BASE
GND
PIN
1
2
3
4
5
6
7
8
Vd
RFout
RFin
FUNCTION
AMMP-6220
6-20 GHz Low Noise Amplifier
Data Sheet


Similar Part No. - AMMP-6220-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMP-6220-BLK HP-AMMP-6220-BLK Datasheet
406Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6220-BLK AVAGO-AMMP-6220-BLK Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6220-BLK BOARDCOM-AMMP-6220-BLK Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
More results

Similar Description - AMMP-6220-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMP-6220 BOARDCOM-AMMP-6220 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD194C3 MMIC-CMD194C3 Datasheet
260Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220 Datasheet
524Kb / 8P
   6 - 20 GHz Low Noise Amplifier
AMMP-6220 AVAGO-AMMP-6220_15 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6220 BOARDCOM-AMMC-6220 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC565LC5 HITTITE-HMC565LC5 Datasheet
215Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com