Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMW-A10X-XXXXX Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMW-A10X-XXXXX
Description  White Surface Mount LED Indicator SMT PLCC-2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-A10X-XXXXX Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HSMW-A10X-XXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMW-A10X-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-A10X-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-A10X-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-A10X-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-A10X-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMW-A10X-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMW-A10X-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0645EN
AV02-0490EN - June 19, 2007
Intensity Bin Select (X5X6)
Individual reel will contain parts
from one half bin only.
X5
Min Iv Bin
X6
0
Full Distribution
3
3 half bins starting from X51
4
4 half bins starting from X51
5
5 half bins starting from X51
7
3 half bins starting from X52
8
4 half bins starting from X52
9
5 half bins starting from X52
Intensity Bin Limits
Bin ID
Min. (mcd)
Max. (mcd)
Q1
71.50
90.00
Q2
90.00
112.50
R1
112.50
140.00
R2
140.00
180.00
S1
180.00
224.00
S2
224.00
285.00
T1
285.00
355.00
T2
355.00
450.00
U1
450.00
560.00
U2
560.00
715.00
V1
715.00
900.00
V2
900.00
1125.00
Tolerance of each bin limit = ± 12%.
Color Bin Limits
Bin ID
Limits (Chromaticity Coordinates)
A
x
0.352
0.365
0.365
0.352
y
0.377
0.395
0.360
0.341
B
x
0.340
0.352
0.352
0.340
y
0.360
0.377
0.341
0.325
C
x
0.327
0.340
0.340
0.327
y
0.342
0.360
0.325
0.306
D
x
0.315
0.327
0.327
0.315
y
0.325
0.342
0.306
0.290
E
x
0.302
0.315
0.315
0.302
y
0.307
0.325
0.290
0.271
F
x
0.290
0.302
0.302
0.290
y
0.290
0.307
0.271
0.255
Packaging Option (X8X9)
Option Test
Package
Reel
Current
Type
Size
J1
20 mA
Top
7 inch
Mount
J2
10 mA
Top
7 inch
Mount
Figure 14.
Color Bin Select (X7)
Individual reel will contain parts
from one full bin only.
X7
0
Full Distribution
Z
A and B only
Y
B and C only
W
C and D only
V
D and E only
U
E and F only
Q
A, B and C only
P
B, C and D only
N
C, D and E only
M
D, E and F only
1
A, B, C and D only
3
B, C, D and E only
4
C, D, E and F only
5
A, B, C, D and E only
6
B, C, D, E and F only
Note: Tolerance for each bin limit = ± 0.02.
0.25
0.40
0.25
0.30
0.40
X-COORDINATE
0.35
0.30
0.35
F
E
D
C
B
A


Similar Part No. - HSMW-A10X-XXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40J1 AVAGO-HSMW-A100-U40J1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-V40J1 AVAGO-HSMW-A100-V40J1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-V4MH1 AVAGO-HSMW-A100-V4MH1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results

Similar Description - HSMW-A10X-XXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NXXXX BOARDCOM-ASMT-UWB1-NXXXX Datasheet
726Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-A100-J00J1 AVAGO-HSMS-A100-J00J1 Datasheet
356Kb / 13P
   PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com