Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-6222 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6222
Description  7 to 21 GHz GaAs High Linearity Low Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6222 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6222 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
AMMC-6222 Typical Performance for High Current, High Output Power Configuration (Cont)
(TA = 25°C, Vdd=4V, Idd=120mA, Zin = Zout = 50 W, on-wafer unless noted)
-60
-50
-40
-30
-20
5
10
15
20
25
Frequency (GHz)
5
10
15
20
25
30
5
10
15
20
25
Frequency (GHz)
4V
5V
3V
-20
-15
-10
-5
0
5
10
15
20
25
Frequency (GHz)
4V
3V
5V
90
100
110
120
130
140
150
3
3.5
4
4.5
5
Vdd (V)
0
1
2
3
4
5
6
8 10 12 14 16 18 20 22
Frequency (GHz)
3V
4V
5V
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
Frequency (GHz)
4V
5V
3V
Figure 7a. Isolation
Figure 10a. Noise Figure Over Vdd
Figure 9a. Small-signal Gain Over Vdd
Figure 11a. Input Return Loss Over Vdd
Figure 8a. Idd over Vdd
Figure 12a. Output Return Loss Over Vdd


Similar Part No. - AMMC-6222

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6222 BOARDCOM-AMMC-6222 Datasheet
1Mb / 12P
   7 to 21 GHz GaAs High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6222 AVAGO-AMMC-6222_15 Datasheet
1Mb / 2P
   7 to 21 GHz GaAs High Linearity Low Noise Amplifier
More results

Similar Description - AMMC-6222

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6222 BOARDCOM-AMMC-6222 Datasheet
1Mb / 12P
   7 to 21 GHz GaAs High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6222 AVAGO-AMMC-6222_15 Datasheet
1Mb / 2P
   7 to 21 GHz GaAs High Linearity Low Noise Amplifier
AMMC-6232 AVAGO-AMMC-6232 Datasheet
1Mb / 8P
   18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6232 BOARDCOM-AMMC-6232 Datasheet
1Mb / 8P
   18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6222 AVAGO-AMMP-6222 Datasheet
606Kb / 12P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
AMMP-6222 AVAGO-AMMP-6222_15 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6222 BOARDCOM-AMMP-6222 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
Alpha Industries
AA022N1-00 ALPHA-AA022N1-00 Datasheet
118Kb / 2P
   21-24 GHz GaAs MMIC Low Noise Amplifier
logo
Qorvo, Inc
QPA2609 QORVO-QPA2609 Datasheet
1Mb / 17P
   7 ??14 GHz GaAs Low Noise Amplifier
logo
Analog Devices
ADL8104 AD-ADL8104 Datasheet
617Kb / 23P
   Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com