Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-5545 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-5545
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-5545 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDS-5545 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-5545 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-5545 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-5545 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-5545 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-5545 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-5545 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDS-5545 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HEDS-5545 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Electrical Interface
To insure reliable encoding
performance, the HEDS-5540 and
5640 three channel encoders
require 2.7 k
Ω (± 10%) pull-up
resistors on output pins 2, 3, and
5 (Channels I, A, and B) as shown
in Figure 1. These pull-up
resistors should be located as
close to the encoder as possible
(within 4 feet). Each of the three
encoder outputs can drive a single
TTL load in this configuration.
The HEDS-5500, 5600, and
HEDM-5500, 5600 two channel
encoders do not normally require
pull-up resistors. However, 3.2 k
pull-up resistors on output pins 3
and 5 (Channels A and B) are
recommended to improve rise
times, especially when operating
above 100 kHz frequencies.
Mechanical Characteristics
Parameter
Symbol
Dimension
Tolerance[1]
Units
Codewheel Fits These
2
3
4
+0.000
mm
Standard Shaft Diameters
5
6
8
-0.015
5/32
1/8
+0.0000
in
3/16
1/4
-0.0007
Moment of Inertia
J
0.6 (8.0 x 10-6)
g-cm2 (oz-in-s2)
Required Shaft Length[2]
14.0 (0.55)
± 0.5
mm
(
± 0.02)
(in.)
Bolt Circle[3]
2 screw
19.05
± 0.13
mm
mounting
(0.750)
(
± 0.005)
(in.)
3 screw
20.90
± 0.13
mm
mounting
(0.823)
(
± 0.005)
(in.)
external
46.0
± 0.13
mm
mounting ears
(1.811)
(
± 0.005)
(in.)
Mounting Screw Size[4]
2 screw
mounting
M 2.5 or (2-56)
mm (in.)
3 screw
mounting
M 1.6 or (0-80)
mm (in.)
external
mounting ears
M 2.5 or (2-56)
mm (in.)
Encoder Base Plate
0.33 (0.130)
mm (in.)
Thickness
Hub Set Screw
(2-56)
(in.)
Notes:
1. These are tolerances required of the user.
2. The HEDS-55X5 and 56X5, HEDM-5505, 5605 provide an 8.9 mm (0.35 inch) diameter hole through the housing for longer motor
shafts. See Ordering Information.
3. The HEDS-5540 and 5640 must be aligned using the aligning pins as specified in Figure 3, or using the alignment tool as shown in
“Encoder Mounting and Assembly”. See also “Mounting Considerations.”
4. The recommended mounting screw torque for 2 screw and external ear mounting is 1.0 kg-cm (0.88 in-lbs). The recommended
mounting screw torque for 3 screw mounting is 0.50 kg-cm (0.43 in-lbs).


Similar Part No. - HEDS-5545

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5545 AVAGO-HEDS-5545 Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5545 AVAGO-HEDS-5545 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS-5545-A01 HP-HEDS-5545-A01 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5545-A02 HP-HEDS-5545-A02 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5545-A03 HP-HEDS-5545-A03 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-5545

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com