Electronic Components Datasheet Search |
|
AEDB-9340-B-15-A Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED |
|
AEDB-9340-B-15-A Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED |
3 / 15 page 3 AEDB-9340 Technical Specifications Absolute Maximum Ratings Parameter Symbol Min. Max. Units Notes Storage Temperature TS -40 85 °C Operating Temperature TA -10 85 °C Supply Voltage VCC -0.5 7 Volts Recommended Operating Conditions Parameter Min. Typ. Max. Units Notes Temperature -10 25 85 °C Supply Voltage (Detector) 4.5 5.0 5.5 Volts Ripple < 100 mVpp Operating Frequency 1250 CPR 75 kHz Velocity (rpm) x N/60 2500 CPR 150 kHz Shaft Radial Play Plus Eccentricity ±0.025 mm TIR Shaft Axial Play ±0.100 mm Encoding Characteristics Encoding Characteristics over the Recommended Operating Conditions and Mounting tolerances. These charac- teristics include codewheel contribution. The typical values are average over the full rotation of the codewheel tested at 25 °C, 500 RPM, 5V. Parameter Symbol Minimum Typical Maximum Units Pulse Width Error D P7 50 °e Logic State Width Error D S5 50 °e Phase Error Df 225 °e Cycle Error D C20 50 °e Position Error DQ 20 50 min. of arc Index Pulse Width 1000/1024/1250 CPR P0 90 150 360 °e 2000/2048/2500 CPR P0 180 300 540 °e Electrical Characteristics Electrical Characteristics over Recommend Operating Range, Typical at 25 °C Parameter Symbol Min. Typ. Max. Units Notes Supply Current ICC 40 60 80 mA High Level Output Voltage VOH 2.4 V Low Level Output Voltage VOL 0.4 V Rise Time tr 200 ns CL = 14 pF Fall Time tf 20 ns Loading Capacitance CLOAD 47 pF |
Similar Part No. - AEDB-9340-B-15-A |
|
Similar Description - AEDB-9340-B-15-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |