Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-6345-W50 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6345-W50
Description  20 - 45 GHz Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6345-W50 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMC-6345-W50 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W50 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W50 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W50 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W50 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W50 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W50 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W50 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W50 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Figure 13. AMMC-6345 Assembly diagram
Figure 14. AMMC-6345 Typical Detector Voltage and Output Power, Freq=40 GHz
Notes:
1mF capacitors on gate and drain lines
not shown required.
RFInput
RFOutput
RFI
RFO
g
V
g
V
g
V
d
V
d
V
)
(Optional
Vg
68pF
AMMC-6345
d
V
DET_O
DET_R
0.1µF
Detector_Output
Detector_Reference
0.1µF
0.1µF
0.1µF
68pF
0
0.05
0.1
0.15
0.2
0.25
5
10
15
20
25
Pout[dBm]
0.001
0.01
0.1
1


Similar Part No. - AMMC-6345-W50

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6345-W50 BOARDCOM-AMMC-6345-W50 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
More results

Similar Description - AMMC-6345-W50

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
   20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
   20-45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
   20-45 GHz GaAs Amplifier
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
   20-GHz to 45-GHz GaAs Amplifier
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
   32 - 45 GHz Wide Band Driver Amplifier
logo
Qorvo, Inc
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
   2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
   2-20 GHz Driver Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com