Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEDB-9340-J-02-B Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDB-9340-J-02-B
Description  1250/2500 CPR Commutation Encoder Modules with Codewheel
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDB-9340-J-02-B Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AEDB-9340-J-02-B Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-J-02-B Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-J-02-B Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-J-02-B Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-J-02-B Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-J-02-B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-J-02-B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-J-02-B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-J-02-B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Commutation Characteristics (Channel U, V, W)
Encoding Characteristics over the Recommended Operating Conditions and Mounting Conditions. These
characteristics include codewheel contribution. The typical values are average over the full rotation of the
codewheel.
Parameter
Symbol
Minimum
Maximum
Units
Commutation Format
Three Phase 4, 6, or 8 poles
Commutation Accuracy
(Middle of Channel I to Channel U)
D
I-1
+1
°mechanical
Commutation Accuracy (Channel U,V and W)
D
UVW
-2
+2
°mechanical
Device Pinout
Pin #1 start from left side.
Pin
Function
1U
2I
3V
4W
5
Ground
6VCC
7A
8B
PIN #1
PIN #8


Similar Part No. - AEDB-9340-J-02-B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
More results

Similar Description - AEDB-9340-J-02-B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
   COMMUTATION ENCODER
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com