Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMF-A228-XXXXX Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-A228-XXXXX
Description  Surface Mount LED Indicators, PLCC-4 SMT LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-A228-XXXXX Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMF-A228-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-A228-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-A228-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-A228-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMF-A228-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMF-A228-XXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMF-A228-XXXXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMF-A228-XXXXX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMF-A228-XXXXX Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Figure 8a. Recommended SnPb reflow soldering profile.
Figure 8b. Recommended Pb-free reflow soldering profile.
240°C MAX.
20 SEC. MAX.
3°C/SEC.
MAX.
120 SEC. MAX.
TIME
183°C
100-150°C
–6°C/SEC.
MAX.
60-150 SEC.
3°C/SEC. MAX.
217 °C
MAX. 120 SEC.
6 °C/SEC. MAX.
3 °C/SEC. MAX.
125 °C ± 25 °C
255 °C
60 to 150 SEC.
10 to 20 SEC.
TIME
* THE TIME FROM 25 °C TO PEAK TEMPERATURE = 6 MINUTES MAX.
+5 °C
-0 °C
Note: For detail information on reflow soldering of Avago surface mount LEDs, do refer to Avago Application Note AN 1060 Surface Mounting SMT
LED Indicator Components.
Figure 9. Recommended soldering pad pattern.
3.30
0.50
HSMx-A2xx fig 9
3.30
7.50
0.40
2.60
1.10
4.50
1.50
SOLDER RESIST


Similar Part No. - HSMF-A228-XXXXX

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMF-C112 BOARDCOM-HSMF-C112 Datasheet
629Kb / 8P
   Tri-Color Top-Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C113 AVAGO-HSMF-C113 Datasheet
176Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C113 AVAGO-HSMF-C113 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C114 AVAGO-HSMF-C114 Datasheet
87Kb / 8P
   Surface Mount Tricolor ChipLEDs
HSMF-C115 AVAGO-HSMF-C115 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
More results

Similar Description - HSMF-A228-XXXXX

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
C-17824 DIALIGHT-C-17824 Datasheet
134Kb / 1P
   POWER PLCC-4 SMT LEDS
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
logo
Agilent(Hewlett-Packard...
ASMC-PXB9 HP-ASMC-PXB9 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com