Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEDB-9340-W-04-B Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDB-9340-W-04-B
Description  1250/2500 CPR Commutation Encoder Modules with Codewheel
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDB-9340-W-04-B Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AEDB-9340-W-04-B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-W-04-B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-W-04-B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-W-04-B Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-W-04-B Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-W-04-B Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-W-04-B Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-W-04-B Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-W-04-B Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Mounting Considerations
Figure 4b. 1000/2000 CPR encoder module mounting considerations
∅ 2.00
R 20.00
R 22.00
∅ 16.00
10.33
3.00
25.40
CL
12.70
BOTTOM VIEW
RECOMMENDED SCREW SIZE: M1.6 x 0.35
RECOMMENDED MOUNTING SCREW TORQUE: 1Lbin (0.113 Nm)
NOTES:
1. ALL DIMENSIONS ARE GIVEN IN mm.
2. USE ALIGNMENT TOOL HEDS-8950 TO MOUNT THE ENCODER WITH RESPECT TO SHAFT CENTER.
3. REFER TO AEDB-9340 SERIES APPLICATION NOTE FOR STEP BY STEP ALIGNMENT AND INSTALLATION PROCEDURE.


Similar Part No. - AEDB-9340-W-04-B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
More results

Similar Description - AEDB-9340-W-04-B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
   COMMUTATION ENCODER
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com