Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-6241 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6241
Description  26-43 GHz Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6241 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6241 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Figure 1. Typical Gain
Figure 2. Typical Isolation
Figure 3 Typical Input Return Loss
Figure 4. Typical Output Return Loss
Figure 5. Typical Noise Figure into a 50
load.
Figure 6. Typical Output P-1dB and 3rd
Order Intercept Point.
Figure 7. Gain Over Temperature
Figure 8. Isolation Over Temperature
Figure 9. Input Return Loss Over
Temperature
AMMC-6241 Typical Performances
(TA = 25°C, Vd1 = Vd2 =3.0 V, Itotal = 60 mA, Zin = Zout = 50
Ω unless otherwise stated)
NOTE: These measurements are in a 50 W test environment. Aspects of the amplifier performance may be
improved over a narrower bandwidth by application of additional conjugate, linearity, or low noise (Gopt) matching.
0
5
10
15
20
25
25
29
33
37
41
45
Frequency (GHz)
-70
-60
-50
-40
-30
-20
-10
0
25
29
33
37
41
45
Frequency (GHz)
-20
-15
-10
-5
0
25
29
33
37
41
45
Frequency (GHz)
-25
-20
-15
-10
-5
0
25
29
33
37
41
45
Frequency (GHz)
1.0
1.5
2.0
2.5
3.0
3.5
26
28
30
32
34
36
38
40
Frequency (GHz)
0
5
10
15
20
25
27
31
35
39
43
Frequency (GHz)
OIP3
OP-1dB
0
5
10
15
20
25
30
25
29
33
37
41
45
Frequency (GHz)
25C
-40C
+85C
-80
-60
-40
-20
0
25
29
33
37
41
45
Frequency (GHz)
25C
-40C
+85C
-20
-15
-10
-5
0
25
29
33
37
41
45
Frequency (GHz)
25C
-40C
+85C


Similar Part No. - AMMC-6241

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6241 HP-AMMC-6241 Datasheet
944Kb / 8P
   26-43 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241 Datasheet
529Kb / 8P
   26??3 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6241 BOARDCOM-AMMC-6241 Datasheet
529Kb / 8P
   26??3 GHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6241-W10 HP-AMMC-6241-W10 Datasheet
944Kb / 8P
   26-43 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241-W10 AVAGO-AMMC-6241-W10 Datasheet
529Kb / 8P
   26??3 GHz Low Noise Amplifier
More results

Similar Description - AMMC-6241

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6241 HP-AMMC-6241 Datasheet
944Kb / 8P
   26-43 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD162 MMIC-CMD162 Datasheet
214Kb / 9P
   26-34 GHz Low Noise Amplifier
CMD188 MMIC-CMD188 Datasheet
222Kb / 10P
   26-34 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6241 BOARDCOM-AMMC-6241 Datasheet
529Kb / 8P
   26??3 GHz Low Noise Amplifier
logo
Alpha Industries
AA038N1-99 ALPHA-AA038N1-99 Datasheet
321Kb / 4P
   26-41 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241_08 Datasheet
529Kb / 8P
   26??3 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
   2-26 GHz GaN Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
Alpha Industries
AA038N1-A2 ALPHA-AA038N1-A2 Datasheet
548Kb / 4P
   26-40 GHz Surface Mount Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com