Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-5618 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5618
Description  6 - 20 GHz Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5618 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5618 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RF Input
VG1
VG2
RF Output
Matching
Matching
Feedback
Network
Matching
VD1
VD2
gold plated shim
100 pF chip capacitor
RF Input
RF Output
To power supply
To VG2 power supply
To VG1 power supply
Bonding island
or small
chip-capacitor
gold plated shim
100 pF chip capacitor
RF Input
RF Output
To power supply
(a)
(b)
Figure 18. AMMC - 5618 Schematic
Figure 19. AMMC - 5618 Assembly Diagram


Similar Part No. - AMMC-5618

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
   6 - 20 GHz Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5618 AVAGO-AMMC-5618 Datasheet
423Kb / 8P
   6 - 20 GHz Amplifier
logo
Broadcom Corporation.
AMMC-5618 BOARDCOM-AMMC-5618 Datasheet
423Kb / 8P
   6 - 20 GHz Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5618-W10 HP-AMMC-5618-W10 Datasheet
146Kb / 8P
   6 - 20 GHz Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5618-W10 AVAGO-AMMC-5618-W10 Datasheet
423Kb / 8P
   6 - 20 GHz Amplifier
More results

Similar Description - AMMC-5618

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
   6 - 20 GHz Amplifier
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
   6-20 GHz Amplifier
logo
Broadcom Corporation.
AMMC-5618 BOARDCOM-AMMC-5618 Datasheet
423Kb / 8P
   6 - 20 GHz Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5618 AVAGO-AMMC-5618_13 Datasheet
423Kb / 8P
   6 - 20 GHz Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
   6-20 GHz High-Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6220 AVAGO-AMMP-6220 Datasheet
430Kb / 10P
   6-20 GHz Low Noise Amplifier
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com